Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM95T07GP Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM95T07GP
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM95T07GP Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM95T07GP Datasheet HTML 1Page - Silicon Standard Corp. SSM95T07GP Datasheet HTML 2Page - Silicon Standard Corp. SSM95T07GP Datasheet HTML 3Page - Silicon Standard Corp. SSM95T07GP Datasheet HTML 4Page - Silicon Standard Corp. SSM95T07GP Datasheet HTML 5Page - Silicon Standard Corp. SSM95T07GP Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
N-CHANNEL ENHANCEMENT MODE
POWER MOSFET
07/11/2007 Rev.1.00
www.SiliconStandard.com
1
SSM95T07GP
PRODUCT SUMMARY
Simple Drive Requirement
Lower On-resistance
Fast Switching Characteristic
RoHS Compliant
DESCRIPTION
The advanced power MOSFETs from Silicon Standard Corp.
provide the designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The TO-220 package is universally preferred for all commercial-
industrial power applications and suited for low voltage applications
such as DC/DC converters.
ABSOLUTE MAXIMUM RATINGS
G
D
S
G
D
S
TO-220(P)
BVDSS
75V
RDS(ON)
5mΩ
ID
80A
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
W/℃
EAS
mJ
TSTG
℃
TJ
℃
Symbol
Value
Units
Rthj-c
Thermal Resistance Junction-case
Max.
0.5
℃
/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
62
℃
/W
THERMAL DATA
Parameter
Storage Temperature Range
Total Power Dissipation
300
-55 to 175
Operating Junction Temperature Range
-55 to 175
Linear Derating Factor
2
Single Pulse Avalanche Energy4
Continuous Drain Current, VGS @ 10V
70
Pulsed Drain Current1
320
Gate-Source Voltage
±20
Continuous Drain Current, VGS @ 10V3
80
Parameter
Rating
Drain-Source Voltage
75
450


Similar Part No. - SSM95T07GP

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM95T06GP SSC-SSM95T06GP Datasheet
293Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
SSM95T06GS SSC-SSM95T06GS Datasheet
293Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
More results

Similar Description - SSM95T07GP

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com