Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R24311CS2 Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # R24311CS2
Description  ROTARY POTENTIOMETER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

R24311CS2 Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  R24311CS2 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD R24311CS2 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model(型號):
ROTARY POTENTIOMETER---------R24311CS2
► Download PDF file
Features:(特點):
Excellent operational feeling;Many codels are available.High performance and high
dependability.
Applications(作用):
Suitable for various control applications sith general consumer electronics
products,automotive installation equipment and devices,industrial machines,etc.
Dimensions(規格圖 ):
Specifications( 規格)
Electrical Characteristics [ 電氣性能 ]
Total resistance [ 全阻抗值 ]
500
Ω~1MΩ
Total resistance tolerance [ 全阻抗值容許差 ]
±20%
Ratings power(w) [ 額定功率 ]
B curve 0.5W,except B 0.25W
Restings taper[阻抗變化特性]
A,B,*C,D,W
Residual resistance [殘留阻值]
20
ΩMax.
Sliding noise [滑動雜音]
80mV Max.
Withstanding voltage [耐電壓]
1 minute at AC 500V
Insulation resistance [絕緣阻抗]
100M
Ω Min. at DC 500V.
Max. operating voltage [最高使用電壓]
linear Taper B AC 500V, except B AC 250V.
Gang error:[運動誤差]
-40dB~0dB ±3dB Max.
Switch contact resistance[開關的接觸阻抗]
less than 0.3m
Ω
Switch Ratings power
1.0A at AC /DC 125V
Mechanical Characteristics [ 机械性能 ]
Operation torque [ 回轉力矩 ]
30~200gf . cm
Rotation stopper strength [ 止動強度 ]
5.0Kgf . cm Min.
Total rotational angle [回轉角度]
300±5°
Switch rotational angle[開關的回轉角度]
50° ±5°
Switch action[開關的轉動力]
150~450gf.cm
Endurance Characteristics [ 耐久性能 ]
Rotational life [ 回轉壽命 ]
More than10,000 cycles
Http://www.productwell.com E-Mail: pwlhk@productwell.com
Tel: ( 852)2687 3208 Fax: ( 852)2687 3336


Similar Part No. - R24311CS2

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R24311CB2 PRODUCTWELL-R24311CB2 Datasheet
119Kb / 2P
ROTARY POTENTIOMETER
More results

Similar Description - R24311CS2

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01_14 Datasheet
270Kb / 2P
ROTARY POTENTIOMETER
R12A11V01 PRODUCTWELL-R12A11V01_14 Datasheet
297Kb / 2P
ROTARY POTENTIOMETER
R12712BS1 PRODUCTWELL-R12712BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723BS1 PRODUCTWELL-R12723BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723CS1 PRODUCTWELL-R12723CS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R16311DB1 PRODUCTWELL-R16311DB1_14 Datasheet
128Kb / 2P
ROTARY POTENTIOMETER
R16311EB1 PRODUCTWELL-R16311EB1_14 Datasheet
125Kb / 2P
ROTARY POTENTIOMETER
R16312DB2 PRODUCTWELL-R16312DB2_14 Datasheet
128Kb / 2P
ROTARY POTENTIOMETER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com