Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28C64FMB Datasheet(PDF) 13 Page - Xicor Inc.

Part # X28C64FMB
Description  5 Volt, Byte Alterable E2PROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C64FMB Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X28C64FMB Datasheet HTML 9Page - Xicor Inc. X28C64FMB Datasheet HTML 10Page - Xicor Inc. X28C64FMB Datasheet HTML 11Page - Xicor Inc. X28C64FMB Datasheet HTML 12Page - Xicor Inc. X28C64FMB Datasheet HTML 13Page - Xicor Inc. X28C64FMB Datasheet HTML 14Page - Xicor Inc. X28C64FMB Datasheet HTML 15Page - Xicor Inc. X28C64FMB Datasheet HTML 16Page - Xicor Inc. X28C64FMB Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
X28C64
13
WRITE CYCLE LIMITS
Symbol
Parameter
Min.(7)
Typ.(1)
Max.
Units
tWC(5)
Write Cycle Time
5
10
ms
tAS
Address Setup Time
0
ns
tAH
Address Hold Time
100
ns
tCS
Write Setup Time
0
ns
tCH
Write Hold Time
0
ns
tCW
CE Pulse Width
100
ns
tOES
OE HIGH Setup Time
10
ns
tOEH
OE HIGH Hold Time
10
ns
tWP
WE Pulse Width
100
ns
tWPH
WE HIGH Recovery
200
ns
tWPH2(6)
SDP
WE Recovery
1
µs
tDV
Data Valid
1
µs
tDS
Data Setup
50
ns
tDH
Data Hold
10
ns
tDW
Delay to Next Write
10
µs
tBLC(7)
Byte Load Cycle
1
100
µs
3853 PGM T11.1
WE Controlled Write Cycle
3853 FHD F06
Notes: (5) tWC is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum
time the device requires to automatically complete the internal write operation.
(6) tWPH is the normal page write operation WE recovery time. tWPH2 is the WE recovery time needed only after the end of issuing
the three-byte SDP command sequence and before writing the first byte of data to the array. Refer to Figure 6 which illustrates
the tWPH2 requirement.
(7) For faster tWC and tBLC times, refer to X28HC64.
ADDRESS
tAS
tWC
tAH
tOES
tDV
tDS
tDH
tOEH
CE
WE
OE
DATA IN
DATA OUT
HIGH Z
DATA VALID
tCS
tCH
tWP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com