Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9511 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9511
Description  PushPot O Potentiometer (Push Button Controlled)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9511 Datasheet(HTML) 4 Page - Xicor Inc.

  X9511 Datasheet HTML 1Page - Xicor Inc. X9511 Datasheet HTML 2Page - Xicor Inc. X9511 Datasheet HTML 3Page - Xicor Inc. X9511 Datasheet HTML 4Page - Xicor Inc. X9511 Datasheet HTML 5Page - Xicor Inc. X9511 Datasheet HTML 6Page - Xicor Inc. X9511 Datasheet HTML 7Page - Xicor Inc. X9511 Datasheet HTML 8Page - Xicor Inc. X9511 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
X9511
4
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias ...................... –65
°C to +135°C
Storage Temperature........................... –65
°C to +150°C
Voltage on PU, PD, and VCC
with Respect to VSS ................................–1V to +7V
Voltage on VH and VL
Referenced to VSS ..................................–8V to +8V
∆V = |VH–VL|
X9511Z..................................................................4V
X9511W ............................................................ 10V
Lead Temperature (Soldering 10 seconds)...........300
°C
Wiper Current
................................................................±1mA
ANALOG CHARACTERISTICS
Electrical Characteristics
End-to-End Resistance Tolerance
...........................±20%
Power Rating at 25
°C
X9511Z........................................................... 16mW
X9511W ......................................................... 10mW
Wiper Current
.....................................................±1mA Max.
Typical Wiper Resistance ........................... 40
Ω at 1mA
Typical Noise............................... < –120dB/
√Hz Ref: 1V
Resolution
Resistance .................................................................3%
Linearity
Absolute Linearity(1)
...............................................±1.0 Ml(2)
Relative Linearity(3)
.................................................±0.2 Ml(2)
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
listed in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
Temperature Coefficient
–40
°C to +85°C
X9511Z...........................................+600 ppm/
°C Typical
X9511W .........................................+300 ppm/
°C Typical
Ratiometric Temperature Coefficient
................. ±20 ppm
Wiper Adjustability
Unlimited Wiper Adjustment (Non-Store operation)
Wiper Position Store Operations....................100,000
Data Changes
Physical Characteristics
Marking Includes
Manufacturer’s Trademark
Resistance Value or Code
Date Code
Notes: (1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage
= (Vw(n)(actual) – Vw(n)(expected)) = ±1 Ml Maximum.
(2) 1 Ml = Minimum Increment = RTOT/31.
(3) Relative Linearity is a measure of the error in step size between taps = VW(n+1) – [Vw(n) + Ml] = +0.2 Ml.
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW to
HIGH
Will change
from LOW to
HIGH
May change
from HIGH to
LOW
Will change
from HIGH to
LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com