Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9511ZP Datasheet(PDF) 2 Page - Xicor Inc.

Part # X9511ZP
Description  PushPot O Potentiometer (Push Button Controlled)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9511ZP Datasheet(HTML) 2 Page - Xicor Inc.

  X9511ZP Datasheet HTML 1Page - Xicor Inc. X9511ZP Datasheet HTML 2Page - Xicor Inc. X9511ZP Datasheet HTML 3Page - Xicor Inc. X9511ZP Datasheet HTML 4Page - Xicor Inc. X9511ZP Datasheet HTML 5Page - Xicor Inc. X9511ZP Datasheet HTML 6Page - Xicor Inc. X9511ZP Datasheet HTML 7Page - Xicor Inc. X9511ZP Datasheet HTML 8Page - Xicor Inc. X9511ZP Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
X9511
2
PIN DESCRIPTIONS
VH and VL
The high (VH) and low (VL) terminals of the X9511 are
equivalent to the fixed terminals of a mechanical potenti-
ometer. The minimum voltage is –5V and the maximum
is +5V. It should be noted that the terminology of VL and
VH references the relative position of the terminal in rela-
tion to wiper movement direction selected by the PU and
PD inputs and not the voltage potential on the terminal.
PU
The debounced PU input is for incrementing the wiper
position. An on-chip pull-up holds the PU input HIGH. A
switch closure to ground or a LOW logic level will, after a
debounce time, move the wiper to the next adjacent
higher tap position.
PD
The debounced PD input is for decrementing the wiper
position. An on-chip pull-up holds the PD input HIGH. A
switch closure to ground or a LOW logic level will, after a
debounce time, move the wiper to the next adjacent
lower tap position.
ASE
The debounced ASE (AUTOSTORE enable) pin can be
in one of two states:
VIL – Autostore is enabled. When VCC powers-down an
automatic store cycle takes place.
VIH – AUTOSTORE is disabled. A LOW to HIGH will ini-
tiate a manual store operation. This is for a user who
wishes to connect a push button switch to this pin. For
every valid push, the X9511 will store the current wiper
position to the E2PROM.
PIN CONFIGURATION
PIN NAMES
3067 FRM T01.1
Symbol
Description
VH
High Terminal
VW
Wiper Terminal
VL
Low Terminal
VSS
Ground
VCC
Supply Voltage
PU
Push Up Input
PD
Push Down Input
ASE
AUTOSTORE Enable Input
VCC
ASE
VL
VW
3067 ILL F02.1
PU
PD
VH
VSS
1
2
3
4
8
7
6
5
X9511
DIP/SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com