Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4409GEM Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM4409GEM
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4409GEM Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM4409GEM Datasheet HTML 1Page - Silicon Standard Corp. SSM4409GEM Datasheet HTML 2Page - Silicon Standard Corp. SSM4409GEM Datasheet HTML 3Page - Silicon Standard Corp. SSM4409GEM Datasheet HTML 4Page - Silicon Standard Corp. SSM4409GEM Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P-CHANNEL ENHANCEMENT MODE
POWER MOSFET
08/04/2007 Rev.1.00
www.SiliconStandard.com
1
SSM4409GEM
PRODUCT SUMMARY
Simple Drive Requirement
Low On-resistance
Fast Switching Characteristic
RoHS Compliant
DESCRIPTION
The Advanced Power MOSFETs from Silicon Standard Corp.
provide the designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The SO-8 package is universally preferred for all commercial-industrial
surface mount applications and suited for low voltage applications such as
DC/DC converters.
ABSOLUTE MAXIMUM RATINGS
Pb-free; RoHS-compliant
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3a
Max
50
℃/W
Parameter
Total Power Dissipation
2.5
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
Storage Temperature Range
Continuous Drain Current
3a
-12
Pulsed Drain Current
1
-50
0.02
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3a
Rating
-35
±20
-14.5
THERMAL DATA
BVDSS
-35V
RDS(ON)
7.5mΩ
ID
-14.5A
S
S
S
G
D
D
D
D
SO-8
G
D
S


Similar Part No. - SSM4409GEM

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSM4409GEM VBSEMI-SSM4409GEM Datasheet
995Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SSM4409GEM

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com