Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4565M Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM4565M
Description  COMPLEMENTARY N- AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4565M Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM4565M Datasheet HTML 1Page - Silicon Standard Corp. SSM4565M Datasheet HTML 2Page - Silicon Standard Corp. SSM4565M Datasheet HTML 3Page - Silicon Standard Corp. SSM4565M Datasheet HTML 4Page - Silicon Standard Corp. SSM4565M Datasheet HTML 5Page - Silicon Standard Corp. SSM4565M Datasheet HTML 6Page - Silicon Standard Corp. SSM4565M Datasheet HTML 7Page - Silicon Standard Corp. SSM4565M Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.SiliconStandard.com
1 of 5
COMPLEMENTARY N- AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
Simple drive requirement
Lower gate charge
Fast switching characteristic
Description
Advanced Power MOSFETs from Silicon Standard provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The SSM4565M is in the SO-8 package, which is widely preferred for
commercial and industrial surface mount applications, and is well suited
for low voltage applications such as DC/DC converters.
This device is available with Pb-free lead finish (second-level interconnect) as SSM4565GM.
SSM4565M/GM
12/10/2004 Rev.2.01
N-CH BVDSS
40V
RDS(ON)
25m
Ω
I D
7.6A
P-CH
BVDSS
-40V
RDS(ON)
33m
Ω
ID
-6.5A
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
40
-40
V
VGS
Gate-Source Voltage
±20
±20
V
ID @ TA=25°C
Continuous Drain Current
3
7.6
-6.5
A
ID @ TA=70°C
Continuous Drain Current
3
6
-5.2
A
IDM
Pulsed Drain Current
1
30
-30
A
PD @ TA=25°C
Total Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/°C
TSTG
Storage Temperature Range
-55 to 150
°C
TJ
Operating Junction Temperature Range
-55 to 150
°C
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
62.5
°C/W
Parameter
Thermal Data
S1
G1
S2
G2
D1
D1
D2
G2
D2
S2
G1
D1
S1
S1
G1
S2
G2
D1
D1
D2
D2
SO-8


Similar Part No. - SSM4565M

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSM4565M VBSEMI-SSM4565M Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
More results

Similar Description - SSM4565M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSM4532M ETC1-SSM4532M Datasheet
199Kb / 11P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Silicon Standard Corp.
SSM4507M SSC-SSM4507M Datasheet
343Kb / 7P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4513M SSC-SSM4513M Datasheet
342Kb / 8P
N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4532M SSC-SSM4532M Datasheet
204Kb / 11P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4575M SSC-SSM4575M Datasheet
320Kb / 7P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Central Semiconductor C...
CMLDM7484 CENTRAL-CMLDM7484 Datasheet
593Kb / 2P
N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMRDM3575 CENTRAL-CMRDM3575 Datasheet
420Kb / 2P
N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMLDM3757 CENTRAL-CMLDM3757 Datasheet
595Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMLDM7585 CENTRAL-CMLDM7585 Datasheet
594Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMBDM3590 CENTRAL-CMBDM3590 Datasheet
334Kb / 3P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
R0 9-March 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com