Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM28C040MHR Datasheet(PDF) 2 Page - Xicor Inc.

Part # XM28C040MHR
Description  5 Volt, Byte Alterable E2PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM28C040MHR Datasheet(HTML) 2 Page - Xicor Inc.

  XM28C040MHR Datasheet HTML 1Page - Xicor Inc. XM28C040MHR Datasheet HTML 2Page - Xicor Inc. XM28C040MHR Datasheet HTML 3Page - Xicor Inc. XM28C040MHR Datasheet HTML 4Page - Xicor Inc. XM28C040MHR Datasheet HTML 5Page - Xicor Inc. XM28C040MHR Datasheet HTML 6Page - Xicor Inc. XM28C040MHR Datasheet HTML 7Page - Xicor Inc. XM28C040MHR Datasheet HTML 8Page - Xicor Inc. XM28C040MHR Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
XM28C040
2
PIN DESCRIPTIONS
Addresses (A0–A18)
The Address inputs select an 8-bit memory location
during a read or write operation.
Chip Enable (
CE)
The Chip Enable input must be LOW to enable all read/
write operations. When
CE is HIGH, power consumption
is reduced (see Note 4).
Output Enable (
OE)
The Output Enable input controls the data output buffers
and is used to initiate read operations.
Data In/Data Out (I/O0–I/O7)
Data is written to or read from the XM28C040 through
the I/O pins.
Write Enable (
WE)
The Write Enable input controls the writing of data to the
XM28C040.
PIN NAMES
Symbol
Description
A0–A18
Address Inputs
I/O0–I/O8
Data Input/Output
WE
Write Enable
CE
Chip Enable
OE
Output Enable
VCC
+5V
VSS
Ground
NC
No Connect
3873 PGM T01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com