Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM9510GM Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SSM9510GM
Description  N- and P-channel Enhancement-mode Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9510GM Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SSM9510GM Datasheet HTML 1Page - Silicon Standard Corp. SSM9510GM Datasheet HTML 2Page - Silicon Standard Corp. SSM9510GM Datasheet HTML 3Page - Silicon Standard Corp. SSM9510GM Datasheet HTML 4Page - Silicon Standard Corp. SSM9510GM Datasheet HTML 5Page - Silicon Standard Corp. SSM9510GM Datasheet HTML 6Page - Silicon Standard Corp. SSM9510GM Datasheet HTML 7Page - Silicon Standard Corp. SSM9510GM Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.SiliconStandard.com
4 of 8
SSM9510GM
2/10/2005 Rev.2.01
N-channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance vs. Gate Voltage
Fig 4. Normalized On-Resistance
vs. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage vs.
Reverse Diode
Junction Temperature
0
10
20
30
40
50
60
70
80
90
01
234
56
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10V
8.0V
6.0V
4.5V
V G =3.0V
0
10
20
30
40
50
60
70
012
345
V DS , Drain-to-Source Voltage (V)
T A =150
o C
10V
8.0V
6.0V
4.5V
V G =3.0V
20
24
28
32
36
40
3456
789
10
11
V GS , Gate-to-Source Voltage (V)
I D =5 A
T A =25
o C
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =5A
V G =10V
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
0
50
100
150
T j ,Junction Temperature (
o C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com