Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM9915K Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SSM9915K
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9915K Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SSM9915K Datasheet HTML 1Page - Silicon Standard Corp. SSM9915K Datasheet HTML 2Page - Silicon Standard Corp. SSM9915K Datasheet HTML 3Page - Silicon Standard Corp. SSM9915K Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.SiliconStandard.com
2 of 4
SSM9915K
Rev.1.01 4/06/2004
Electrical Characteristics @ Tj=25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
20
-
-
V
∆BV
DSS/
∆Tj
Breakdown Voltage Temperature Coefficient
Reference to 25°C, ID=1mA
-
0.03
-
V/°C
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=4.5V, ID=6A
-
-
50
m
Ω
VGS=2.5V, ID=4A
-
-
80
m
Ω
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
0.5
-
1.2
V
gfs
Forward Transconductance
VDS=10V, ID=5A
-
13
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=20V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=16V ,VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=±12V
-
-
nA
Qg
Total Gate Charge
2
ID=10A
-
5
8
nC
Qgs
Gate-Source Charge
VDS=16V
-
1
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
2
-
nC
td(on)
Turn-on Delay Time
2
VDS=10V
-
8
-
ns
tr
Rise Time
ID=10A
-
55
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω, VGS=5V
-
10
-
ns
tf
Fall Time
RD=1Ω
-
3
-
ns
Ciss
Input Capacitance
VGS=0V
-
360
580
pF
Coss
Output Capacitance
VDS=20V
-
70
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
50
-
pF
Rg
Gate Resistance
f=1.0MHz
-
0.78
-
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=2.5A, VGS=0V
-
-
1.3
V
trr
Reverse Recovery Time
2
IS=10A, VGS=0V,
-
17
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
9
-
nC
Notes:
1.Pulse width limited by safe operating area.
2.Pulse width <300us , duty cycle <2%.
3.t≦10sec , Surface mounted on 1 in
2 copper pad of FR4 board.
±100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com