Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM9922EO Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM9922EO
Description  DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9922EO Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM9922EO Datasheet HTML 1Page - Silicon Standard Corp. SSM9922EO Datasheet HTML 2Page - Silicon Standard Corp. SSM9922EO Datasheet HTML 3Page - Silicon Standard Corp. SSM9922EO Datasheet HTML 4Page - Silicon Standard Corp. SSM9922EO Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SiliconStandard.com
1 of 5
SSM9922(G)EO
Rev.2.01 12/06/2004
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
Low on-resistance
BV DSS
20V
Capable of 2.5V gate drive
RDS(ON)
15m
Ω
Ideal for DC/DC battery applications
ID
6.8A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID @ TA=25°C
ID @ TA=70°C
IDM
A
PD @ TA=25°C
W/°C
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
125
°C/W
Thermal Data
Parameter
Storage Temperature Range
Total Power Dissipation
1
W
-55 to 150
°C
Operating Junction Temperature Range
-55 to 150
°C
Linear Derating Factor
0.008
Drain Current
3, V
GS @ 4.5V
5.4
A
Pulsed Drain Current
1
25
Gate-Source Voltage
±12
Drain Current
3, V
G S @ 4.5V
6.8
A
Parameter
Rating
Drain-Source Voltage
20
S1
G1
D1
S2
G2
D2
Power MOSFETs from Silicon Standard provide the
designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.
D2
S2
S2
G2
D1
S1
S1
G1
TSSOP-8
This device is available with Pb-free lead finish (second-level interconnect) as SSM9922GEO.


Similar Part No. - SSM9922EO

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSM9926-A VBSEMI-SSM9926-A Datasheet
985Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
SSM9926A VBSEMI-SSM9926A Datasheet
985Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
logo
Silicon Standard Corp.
SSM9926EM SSC-SSM9926EM Datasheet
150Kb / 6P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
VBsemi Electronics Co.,...
SSM9926EM VBSEMI-SSM9926EM Datasheet
986Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
SSM9926EM-A VBSEMI-SSM9926EM-A Datasheet
985Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
More results

Similar Description - SSM9922EO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSM9926M ETC-SSM9926M Datasheet
109Kb / 6P
DUAL N CHANNEL ENHANCEMENT MODE POWER MOSFETS
logo
Silicon Standard Corp.
SSM4228M SSC-SSM4228M Datasheet
161Kb / 6P
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4924GM SSC-SSM4924GM Datasheet
316Kb / 6P
Dual N-channel Enhancement-mode Power MOSFETs
SSM7002DGU SSC-SSM7002DGU Datasheet
814Kb / 5P
Dual N-channel Enhancement-mode Power MOSFETs
SSM9926GM SSC-SSM9926GM Datasheet
565Kb / 7P
Dual N-channel Enhancement-mode Power MOSFETs
SSM9928 SSC-SSM9928 Datasheet
267Kb / 6P
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9973GM SSC-SSM9973GM Datasheet
280Kb / 5P
Dual N-channel Enhancement-mode Power MOSFETs
SSM9975M SSC-SSM9975M Datasheet
255Kb / 5P
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9977M SSC-SSM9977M Datasheet
244Kb / 5P
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9980M SSC-SSM9980M Datasheet
232Kb / 5P
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com