Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0607 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0607
Description  Interconnection Cord with IEC Plug E, Angled
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0607 Datasheet(HTML) 2 Page - Schurter Inc.

  0607 Datasheet HTML 1Page - Schurter Inc. 0607 Datasheet HTML 2Page - Schurter Inc. 0607 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Cord Sets
0607
www.schurter.com/pg07_2
Connectors
Config. Code
Product Configurator
0607
|-|R|-|Type|-|D|-|Length|
The characters are placeholders for the correspondingly keys of selections from the key tables.
Typ steht für die Dose bzw. 2. Seite, Länge ist die Leitungslänge in mm.
0607
|-|R|-|Type|-|D|-|Length| = cord type
cord type
Configuration
key
H03VV-F 3G0,75mm2
C
H05VV-F 3G0,75mm2
G
H05VV-F 3G1,0mm2
I
SVT 3x18AWG
N
SJT 3x18AWG
P
special cord
Z
Cord definition is detailed in general product information XXX
0607
|-|R|-|Type|-|D|-|Length| = Cord end 2
Cord end 2
zzzz, 2512, 2530, 3011, 3012, 3013, 302U, 3020, 3027, 3030, 311L, 312L
0607
|-|R|-|Type|-|D|-|Length| = Color
Color
Configuration
key
jet black; RAL9005
A
silver grey; RAL7001
B
standard color: black
0607
|-|R|-|Type|-|D|-|Length| = Cord length
Cord length
zzzz, 000500, 001000, 001500, 002000, 002500, 003000, 005000
Cord length in mm
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete
IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4787
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788
IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
6600-3
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6600-4
Appliance Outlet further types to 0607
Appliance Outlet shuttered Overview complete
IEC Appliance Outlet F Shuttered, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4721
IEC Appliance Outlet F Shuttered, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4723
Appliance Outlet shuttered further types to 0607
Connector Overview complete
IEC Connector C15, Rewireable, Straight
0101
IEC Connector C15A, Rewireable, Straight
0102
IEC Connector C15A, Rewireable, Straight
0102-G
IEC Connector C15A, Rewireable, Angled
0112
IEC Connector C13, Rewireable, Angled
4012
Connector further types to 0607
...
Distribution Unit Overview complete
Distribution Unit for Snap-in Mounting with 1 IEC Appliance Inlet C14 and 1 Appliance Outlet F
0712
Strip Block for Snap-in Mounting with up to 7 IEC Appliance Outlets F
0909
Distribution Unit with 1 IEC Appliance Inlet C14 or Power Cord, 4 IEC Appliance Outlets F and Extra Components
4740
Distribution Unit with 1 IEC Appliance Inlet C14 and 2 Appliance Outlets F, Shuttered
4741
Distribution Unit with 1 IEC Appliance Inlet C14 and 4 Appliance Outlets F
4747
Distribution Unit further types to 0607
...



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com