Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF836S20B Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # DF836S20B
Description  DF-B Dielectric Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF836S20B Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  DF836S20B Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DF836S20B Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DF836S20B Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DF836S20B Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DF836S20B Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DF836S20B Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DF836S20B Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DF836S20B Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DF836S20B Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
02 of 19
DF-A Dielectric Filters
Dimensions (Unit: mm)
Typical Specifications
DF903
7.3
3.6
3.2
4.4
Unit: mm Tol: ±0.2
Part No.
Center
Frequency
(MHz)
Band Width
(MHz)
Insertion
Loss
(dB) max.
Ripple in
Band Width
(dB) max.
V.S.W.R
max.
Attenuation
(dB) min. (MHz)
DF457S30A
457
fo±15
3.0
1.0
2.0
17 at fo+50; 30 at fo-50
DF522S10A
522
fo±5
3.0
0.5
1.6
23 at fo+40; 40 at fo-40
DF683S30A
683
fo±15
2.5
1.0
2.0
20 at fo+64; 30 at fo-64
DF740S30A
740
fo±15
2.0
0.5
1.8
14 at fo+64; 20 at fo-64
DF864S10A
864
fo±5
2.5
0.5
1.5
15 at fo+24; 17 at fo-24
DF915S25A
915
fo±12.5
2.0
1.0
2.0
20 at fo+100; 35 at fo-100
DF903S6A
903
fo±3
3.5
0.5
1.5
32 at fo+24
DF927S6A
927
fo±3
3.5
0.5
1.5
32 at fo-24
DF1890S80A
1890
fo±40
1.5
1.0
2.0
15 at fo+200; 35 at fo-200
DF2403S20A
2403
fo±10
3.0
0.5
1.5
35 at fo+75
DF2475S20A
2475
fo±10
3.0
0.5
1.5
35 at fo-75
Typical Characteristic
►1:Transmission Log Mag 10.0dB/Ref 0.00dB
2:Refection
SWR
0.2/ Ref
1.000
dB
10
1
-10
-20
-30
-40
-50
-60
-70
2:
Center 915.000MHZ
Span 400.000MHZ
3
2
2
2
1
3
1
1
Meas 1:Mkr1 915.000 MHz
-1.731dB
Meas 2:Mkr1 915.000 MHz
1.289
Continued on the following page.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com