Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS02 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TCS02
Description  TCS Current Sense Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCS02 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TCS02 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCS02 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCS02 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCS02 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCS02 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
02 of 05
Dimensions (Unit: mm)
Standard Electrical Specifications
Marking
Sn Plating
Thin Film Ni/cr Conductor
Ni Plating
Overcoat
Alumina Ceramic Substrate
Resistive Element
W
L
D1
D1
D2
D2
T
Type
L
W
T
D1
D2
TCS02
1.00±0.05
0.50±0.05
0.32±0.10
0.25±0.10
0.20±0.10
TCS03
1.60±0.10
0.80±0.10
0.45±0.10
0.30±0.20
0.30±0.20
TCS05
2.00±0.15
1.25±0.15
0.55±0.10
0.30±0.20
0.40±0.25
TCS06
3.05±0.15
1.55±0.15
0.55±0.10
0.50±0.30
0.40±0.25
TCS10
5.00±0.20
2.45±0.15
0.60±0.15
0.60±0.30
0.50±0.25
TCS12
6.35±0.20
3.15±0.15
0.60±0.10
0.60±0.30
0.55±0.25
Type
Power Rating
at 70°C
Operating
Temp. Range
Resistance
Tolerance
Resistance
Range
TCR
(PPM/°C)
TCS02 (0402)
1/16W
-55 ~ +155°C
±0.5%
±1.0%
500mΩ~999mΩ
±100
±50
TCS03 (0603)
1/10W
±0.5%
±1.0%
200mΩ~300mΩ
301mΩ~999mΩ
±100
±50
TCS05 (0805)
1/8W
TCS06 (1206)
1/4W
±1.0%
50mΩ~100mΩ
±200
±100
±50
TCS10 (2010)
3/4W
±0.5%
±1.0%
101mΩ~300mΩ
301mΩ~999mΩ
TCS12 (2512)
1W
±0.5%
±1.0%
50mΩ~100mΩ
101mΩ~300mΩ
301mΩ~999mΩ
±200
±100
±50
Note: Token has the ability to manufacture following options based on customer’s requirement.
High Power Rating Electrical Specifications
Type
Power Rating
at 70°C
Operating
Temp. Range
Resistance
Tolerance
Resistance
Range
TCR
(PPM/°C)
TCS12 (2512)
3W
-55 ~ +155°C
±1.0%
100mΩ~1Ω
±100
TCS Current Sense Chip Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Version 2010



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com