Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT455HTWP Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # LT455HTWP
Description  LT 455/450 U/W Ceramic Filters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT455HTWP Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  LT455HTWP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LT455HTWP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LT455HTWP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
Ceramic Filters
for Communication
Token Ceramic Filters to Address the G.D.T. Characteristics
for Communication (Murata CF, SF Compatible)
LT 455/450 U/W Ceramic Filters
Preview
Token ceramic filters for communication LT 455/450 U/W series are 4-element and 6-element devices connected
in ladder form. These highly selective filters are designed to address the G.D.T. characteristics required in digital
communications.
The excellent G.D.T. characteristics allow these filters to be utilized in areas such as the mobile cellular markets
as well as a variety of stereo applications. (Also available in 450kHz version.)
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Benefit Features :
- LT455 EU Dimensions: (7.0 x 8.0 x 8.0 mm).
- LT455 EW Dimensions: (7.0 x 11.0 x 8.0 mm).
- Center frequency: 450kHz, 455kHz.
- Pass Band Ripple (dB) max: 2 db.
- Insertion Loss (dB) max: 4 db, 6 db.
- Input / Output Impedance: 1000Ω ~ 2000Ω.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LT455HTWP

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LT455HTW AURIS-LT455HTW Datasheet
133Kb / 1P
Filter THT
LT455HTW AURIS-LT455HTW Datasheet
256Kb / 1P
Filter THT, Ceramic
logo
Shenzhen Luguang Electr...
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
Ceramic Filter
logo
Fronter Electronics Co....
LT455HTW FRONTER-LT455HTW Datasheet
157Kb / 1P
41 PIN Version 11.0x8.0x7.0 mm
logo
Yuechung International ...
LT455HTW YIC-LT455HTW Datasheet
439Kb / 1P
LT Series of Ceramic Filter for Communication
More results

Similar Description - LT455HTWP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFU455B2 ETC-CFU455B2 Datasheet
57Kb / 2P
CERAMIC FILTERS
logo
EUROQUARTZ limited
L10.7 EUROQUARTZ-L10.7 Datasheet
45Kb / 1P
CERAMIC FILTERS
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
CERAMIC FILTERS
LZU450C EUROQUARTZ-LZU450C Datasheet
35Kb / 1P
CERAMIC FILTERS
logo
Oscilent Corporation
746-455-BU OSCILENT-746-455-BU Datasheet
129Kb / 2P
SMD Ceramic Filter 455 KHz
748-455-BW OSCILENT-748-455-BW Datasheet
129Kb / 2P
SMD Ceramic Filter 455 KHz
logo
Token Electronics Indus...
LT4.5MB TOKEN-LT4.5MB Datasheet
321Kb / 3P
LT MB Ceramic Filters for TV/VCR Stage
LTM455 TOKEN-LTM455 Datasheet
342Kb / 3P
LTM 455/450 Ceramic Filters
logo
Bel Fuse Inc.
ABC450 BEL-ABC450_V01 Datasheet
1Mb / 10P
450 W (with airflow), 300 W (without airflow)
logo
RAYEX ELECTRONICS CO., ...
LT-12GS RAYEX-LT-12GS Datasheet
547Kb / 2P
LT SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com