Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCFBA3547P Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TCFBA3547P
Description  TCFB Inductor Filter Ferrite Beads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCFBA3547P Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TCFBA3547P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCFBA3547P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCFBA3547P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
Version 2010
Inductor Filter
Ferrite Beads
TCFB Inductor Filter Ferrite Beads
Ferrite Beads Filter Radio Frequency Interference
and Noise (TCFB)
Preview
Ferrite bead is a kind of anti-jamming applications the fastest growing components, cheap, easy to use,
filtering high-frequency noise were improved significantly.
Ferrite beads commonly used in filtering and electromagnetic noise reduction, Token’s Ferrite Beads
TCFB series manufactured by using iron, nickel, zinc oxide mixture made with high resistivity and high
magnetic permeability. Ferrite bead in series with the signal or power path, it can be used to suppress
differential mode noise.
By comparing with traditional inductors, Token’s TCFB has better high-frequency filter characteristics.
Ferrites at high frequencies showed resistance characteristics at high frequencies, equivalent to a low
inductor quality factor, it can be quite a wide frequency range, to maintain a high impedance, thereby
enhancing the effectiveness of high-frequency filter.
The TCFB series is lead-free and RoHS compliant. Detailed specifications, both mechanical and
electrical, please contact our sales representative for more information.
Features :
- Low cost, high reliability.
- Reducing radio frequency interference and noise.
Applications :
- VGA card, EGA card, Mother board, TV game.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCFBA3547P

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TCF TAITRON-TCF Datasheet
275Kb / 6P
SMD Long Life Electrolytic Caps
logo
Eaton All Rights Reserv...
TCF EATON-TCF Datasheet
1Mb / 6P
UL Class CF branch circuit time-delay CUBEFuse
logo
Exxelia Group
TCF EXXELIA-TCF Datasheet
793Kb / 18P
High Voltage Conformal Coated Leaded Capacitors
revised 02/21
logo
Moxa Inc.
TCF-142 MOXA-TCF-142 Datasheet
1Mb / 5P
RS-232/422/485 to fiber converters
TCF-142-M-SC MOXA-TCF-142-M-SC Datasheet
1Mb / 5P
RS-232/422/485 to fiber converters
More results

Similar Description - TCFBA3547P

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLE32SN120BH1 MURATA1-BLE32SN120BH1 Datasheet
394Kb / 3P
Ferrite Beads/Inductor type filters
12/28/2022
BLE32SN120BN1 MURATA1-BLE32SN120BN1 Datasheet
393Kb / 3P
Ferrite Beads/Inductor type filters
12/28/2022
BLE32SN120SH1 MURATA1-BLE32SN120SH1 Datasheet
320Kb / 3P
Ferrite Beads/Inductor type filters
12/28/2022
BLE32SN120SZ1 MURATA1-BLE32SN120SZ1 Datasheet
320Kb / 3P
Ferrite Beads/Inductor type filters
12/28/2022
BLM15PX221BH1 MURATA1-BLM15PX221BH1 Datasheet
451Kb / 3P
Ferrite Beads/Inductor type filters
12/28/2022
BLM15PX601BH1 MURATA1-BLM15PX601BH1 Datasheet
447Kb / 3P
Ferrite Beads/Inductor type filters
12/28/2022
BLM21HE122BH1 MURATA1-BLM21HE122BH1 Datasheet
439Kb / 3P
Ferrite Beads/Inductor type filters
12/28/2022
BLM21HE472SN1 MURATA1-BLM21HE472SN1 Datasheet
435Kb / 3P
Ferrite Beads/Inductor type filters
12/28/2022
BLM21HE802BH1 MURATA1-BLM21HE802BH1 Datasheet
439Kb / 3P
Ferrite Beads/Inductor type filters
12/28/2022
BLM21HE802SH1 MURATA1-BLM21HE802SH1 Datasheet
435Kb / 3P
Ferrite Beads/Inductor type filters
12/28/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com