Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT01MTP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # XT01MTP
Description  XT MT TCeramic Triple Trap Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT01MTP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  XT01MTP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. XT01MTP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02 of 02
XT MT TCeramic Triple Trap Filters
Dimensions
Characteristics
4.0max
0.3±0.1
2.5±0.3
Input
Ground
Output
2.5±0.3
0.5±0.1
10.0max
XT01MT
Part Number
Center
Frequency
(fo1)(MHz)
Center
Frequency
(fo2)(MHz)
Center
Frequency
(fo3)(MHz)
Attenuation
(at fo1)
(dB)min
Attenuation
(at fo2)
(dB)min
Attenuation
(at fo3)
(dB)min
30dB
Attenuation
BW
(fo1)(kHz)min
XT01MT
5.500
6.000
6.500
30
30
30
50
XT02MT
5.500
5.742
6.500
30
30
30
50
XT03MT
5.500
5.742
6.000
30
30
30
50
Note: The level at 1MHz shall be made for a reference (0dB).
Test Circuit
How to Order
XT02MT
P
Part Number
Package
~
RF
V.M
330Ω
50Ω
150Ω
8.2uH
50Ω
Rg
S.S.G
Back to 1st Page -Ceramic Trap Filters Triple Type (XT MT)
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com