Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT4.5MB Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # XT4.5MB
Description  XT MB Ceramic Trap Filters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT4.5MB Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  XT4.5MB Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. XT4.5MB Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. XT4.5MB Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
XT MB Ceramic Trap Filters
Ceramic Trap Filters
for TV/VCR Stage
3.58 MHz ~ 6.5 MHz
XTMB Ceramic Trap Filters for TV/VCR Stage
(Murata TPS MB Series Compatible)
Preview
Token Ceramic Trap Filter is employing piezoelectric technology’s mechanical resonance, it is almost unaffected
by the surrounding circuits, and its characteristics do not deviate when it is implanted in the printed circuit and no
adjustment is required.
Utilize Token special piezoelectric materials, Token trap filters has a high Q compared with IFT and a high
selectivity is obtained. It also has a remarkable frequency temperature coefficient, high selectivity and high
stability.
In TV set, video signal is used in picture amplitude circuit after video signal detection block, ceramic resonator is
insert here and trap circuit is formed in order to eliminate sound signal involved in video signal.
Token Ceramic Trap Filters - XT MB Series are band reject type used for video and sound IF attenuation. The
3 terminal XT MB Series contains 2 elements on one substrate for additional attenuation. XT MB Series can be
used in the sound IF of CATV/VCR receivers.
The XTMB series is lead-free and RoHS compliant. Token will also produce devices outside these specifications
to meet specific customer requirements, please contact our sales for more information.
XTMB Trap Filter Quick Selection :
1. Dimensions (Unit: mm): 10.0 max x 8.0 max x 4.0 max.
2. XT3.58MB Cener Frequency f0:3.580MHz; 25db min @f0; 40(kHz)min@25dB Att BW
3. XT4.43MB Cener Frequency f0:4.430MHz; 30db min @f0; 50(kHz)min@30dB Att BW
4. XT4.5MB Cener Frequency f0:4.500MHz; 35db min @f0; 70(kHz)min@30dB Att BW
5. XT5.5MB Cener Frequency f0:5.500MHz; 35db min @f0; 90(kHz)min@30dB Att BW
6. XT5.74MB Cener Frequency f0:5.742MHz; 35db min @f0; 90(kHz)min@30dB Att BW
7. XT6.5MB Cener Frequency f0:6.500MHz; 35db min @f0; 90(kHz)min@30dB Att BW
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - XT4.5MB

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XT4.5MB EUROQUARTZ-XT4.5MB Datasheet
42Kb / 1P
CERAMIC TRAP
logo
ECS, Inc.
XT4.5MB ECS-XT4.5MB Datasheet
189Kb / 2P
CERAMIC TRAP
More results

Similar Description - XT4.5MB

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XT4.5MB EUROQUARTZ-XT4.5MB Datasheet
42Kb / 1P
CERAMIC TRAP
logo
ECS, Inc.
XT4.5MB ECS-XT4.5MB Datasheet
189Kb / 2P
CERAMIC TRAP
logo
Oscilent Corporation
751-0035 OSCILENT-751-0035 Datasheet
141Kb / 2P
Ceramic XT Trap For TV/VCR
logo
TOKO, Inc
TP98-A0-001C TOKO-TP98-A0-001C Datasheet
135Kb / 1P
Ceramic Trap
logo
Token Electronics Indus...
XT01MT TOKEN-XT01MT Datasheet
297Kb / 2P
XT MT TCeramic Triple Trap Filters
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
XT3.58MJ TOKEN-XT3.58MJ Datasheet
294Kb / 3P
XT MJ Chrominance Carrier trap
XT4.47MWP TOKEN-XT4.47MWP Datasheet
297Kb / 3P
XT MW Double Type Trap Filters
logo
List of Unclassifed Man...
SV-SPF1 ETC-SV-SPF1 Datasheet
975Kb / 3P
How Filters Trap More Dirt
SV-MPF1 ETC-SV-MPF1 Datasheet
964Kb / 3P
How Filters Trap More Dirt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com