Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRMI160808-R10 Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # TRMI160808-R10
Description  TRMI Chip Multilayer Ferrite Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMI160808-R10 Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

  TRMI160808-R10 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRMI160808-R10 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRMI160808-R10 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRMI160808-R10 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRMI160808-R10 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRMI160808-R10 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRMI160808-R10 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMI160808-R10 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TRMI Chip Multilayer Ferrite Inductors
10 of 10
Part Number: TRMI160808, TRMI201209, TRMI201212, TRMI321611
How to Order
10N
TRMI160808
M
Inductance
Tolerance
Code
Impedance
S
0.3nH
J
5%
K
10%
M
20%
Code
Inductance
10N
10nH
56N
56nH
R68
680nH
180
18000nH
Version 2010
Back to 1st Page - Chip Multilayer Ferrite Inductors (TRMI)
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com