Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT4.47MWP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # XT4.47MWP
Description  XT MW Double Type Trap Filters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT4.47MWP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  XT4.47MWP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. XT4.47MWP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. XT4.47MWP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
Dimensions
Characteristics
10.0max
4.0max
0.5±0.1
2.5±0.3
0.3±0.1
2.5±0.3
X5.65W
Input
Ground
Output
Part Number
CenterFrequency
(fo1)(MHz)
CenterFrequency
(fo2)(MHz)
Attenuation(at
fo1)(dB)min
Attenuation(at
fo2)(dB)min
30dBAttenuation
BW(fo1)(kHz)min
XT4.47MW
4.500
4.724
30
30
50
XT4.60MW
4.500
6.000
30
30
50
XT5.57MW
5.500
5.742
30
30
50
XT5.60MW
5.500
6.000
30
30
50
XT5.65MW
5.500
6.500
30
30
50
XT6.65MW
6.000
6.500
30
30
70
Note : The level at 1MHz shall be made for a reference(0dB).
XT6.65MW
10
20
30
40
50
60
0
5.00
5.50
6.00
6.50
7.00
Frequency(MHz)
XT MW Double Type Trap Filters
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com