Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT4.5MBP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # XT4.5MBP
Description  XT MB Ceramic Trap Filters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT4.5MBP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  XT4.5MBP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. XT4.5MBP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. XT4.5MBP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
Dimensions
10.0max
X4.5B
4.0max
0.3±0.1
2.5±0.3
2.5±0.3
0.5±0.1
Input
Ground
Output
Characteristics
XT4.5MB
Frequency (MHz)
0
10
20
30
40
50
60
4.00
4.25
4.50
4.75
5.00
Part Number
Center Frequency
(fo1)(MHz)
Attenuation
(at fo1)(dB)min
30dB Attenuation BW
(fo1)(kHz)min
XT3.58MB
3.580
25
40(25dB Att.BW)
XT4.43MB
4.430
30
50
XT4.5MB
4.500
35
70
XT5.5MB
5.500
35
90
XT5.74MB
5.742
35
90
XT6.0MB
6.000
35
90
XT6.5MB
6.500
35
90
Note: The level at 1MHz shall be made for a reference (0dB).
XT MB Ceramic Trap Filters
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com