Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT4.43MJP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # XT4.43MJP
Description  XT MJ Chrominance Carrier trap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT4.43MJP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  XT4.43MJP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. XT4.43MJP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. XT4.43MJP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
Dimensions
Characteristics
X4.43J
10.0max
5.0max
0.5±0.1
5.0±0.3
0.3±0.1
Frequency (MHz)
10
20
30
40
50
60
0
XT4.5MJ
4.00
4.25
4.50
4.75
5.00
Part Number
Center Frequency
(fo1)(MHz)
Attenuation
(at fo1)(dB)min
20dB Attenuation BW
(fo1)(kHz)min
XT3.58MJ
3.580
20
20
XT4.43MJ
4.430
20
40
XT4.5MJ
4.500
20
40
XT5.5MJ
5.500
20
40
XT5.74MJ
5.742
20
40
XT6.0MJ
6.000
20
40
XT6.5MJ
6.500
20
40
Note : The level at 1MHz shall be made for a reference (0dB).
XT MJ Chrominance Carrier trap
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com