Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRMI160808-R47 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TRMI160808-R47
Description  TRMI Chip Multilayer Ferrite Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMI160808-R47 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TRMI160808-R47 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRMI160808-R47 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRMI160808-R47 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRMI160808-R47 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRMI160808-R47 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRMI160808-R47 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRMI160808-R47 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMI160808-R47 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
01 of 10
Version 2010
Chip Multilayer
Ferrite Inductors
TRMI Chip Multilayer Ferrite Inductors
New options in chip multilayer ferrite inductor (TRMI)
Preview
Token TRMI series is a multilayer ferrite technology with good overall characteristics in a cost effective package.
The TRMI multilayer inductor series is available in 0603, 0805, and 1206 sizes. Inductance values range from 10
to 33000nH, and tolerances are as tight as ±10%. This product provides a good blend of electrical performance
and low cost.
The TRMI devices utilize closed magnetic circuit construction to avoid crosstalk. These are suitable for EMI
reduction on DC power lines and low speed signal lines where the smaller packaging reduces board space.
Conform to the RoHS directive and Lead-free. Package of multilayer Ferrite TRMI chip is suitable for automatic
pick and place equipment and is mounted in a surface mount package which assures mechanical stability and
excellent lead coplanarity.
Multilayer Chip Ferrite Inductor can be customed designs and tighter tolerances available on request. Application
of specific designs also available including different inductance values and Q specifications adjusted to frequency
requirements.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements,
please contact our sales for more information.
Features :
- Sizes EIA 0603 / EIA 0805 / EIA 1206.
- Closed magnetic circuit avoids crosstalk.
- Suitable for high density installation, re-flow soldering.
Applications :
- Portable Equipment.
- Personal Computers.
- CD-ROM, Hard Disk, Modem, Printers.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRMI160808-R47

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
logo
KITAGAWA GmbH
TRM KGS-TRM Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
logo
Mersen
TRM MERSEN-TRM Datasheet
96Kb / 1P
Time-Delay Midget Fuses
logo
KITAGAWA GmbH
TRM KGS-TRM Datasheet
175Kb / 1P
"Mn" ferrite cores, suitable solutions for conductive and radiation noise in low frequency range
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
TR/TRM Series
More results

Similar Description - TRMI160808-R47

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIML-0805 ABRACON-AIML-0805 Datasheet
68Kb / 1P
MULTILAYER FERRITE CHIP INDUCTORS
logo
Sumida Corporation
SFI-A3216-470 SUMIDA-SFI-A3216-470 Datasheet
380Kb / 3P
Multilayer Chip Ferrite Inductors
SFI-A2012-470 SUMIDA-SFI-A2012-470 Datasheet
383Kb / 3P
Multilayer Chip Ferrite Inductors
SFI-A1608-270 SUMIDA-SFI-A1608-270 Datasheet
371Kb / 3P
Multilayer Chip Ferrite Inductors
logo
RCD COMPONENTS INC.
MLI1206-R10-MBW RCD-MLI1206-R10-MBW Datasheet
62Kb / 1P
MULTILAYER SHIELDED FERRITE CHIP INDUCTORS
logo
Abracon Corporation
AIML-0805-R33K-T ABRACON-AIML-0805-R33K-T Datasheet
542Kb / 1P
MULTILAYER FERRITE CHIP INDUCTORS
01.11.11
logo
Frontier Electronics.
FL160808 FRONTIER-FL160808_15 Datasheet
119Kb / 2P
SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201209 FRONTIER-FL201209_15 Datasheet
118Kb / 2P
SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201212 FRONTIER-FL201212_15 Datasheet
118Kb / 2P
SMD MULTILAYER FERRITE CHIP INDUCTORS
logo
Superworld Electronics
L2-47N-10 SUPERWORLD-L2-47N-10 Datasheet
250Kb / 7P
FERRITE CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com