Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1608DC Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TPS1608DC
Description  TPSDC Chip Low DCR Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPS1608DC Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TPS1608DC Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPS1608DC Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPS1608DC Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPS1608DC Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPS1608DC Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPS1608DC Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPS1608DC Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
02 of 07
Quick Selection
Features :
- Compact Size and Thin.
- Magnetically shielded against radiation.
- TPS1608DC used ceramic base with gold-plating.
- TPS3316DC and TPS5022DC used LCP plastic base.
- TPS3316DC and TPS5022DC designed for the higher current requirements of portable computers.
- TPS1608DC is specified to achieve longer battery life significantly in handheld communication devices.
TPSDC Quick Reference :
- Electrical specifications at 25°C.
- TPS5022DC 10 μH ~ 1000 μH; 3.9A ~ 0.53A.
- TPS3316DC 1.0μH ~ 1000 μH; 5.0A ~ 0.17A.
- TPS1608DC 1.0μH ~ 10000μH; 3.0A ~ 0.02A.
- Test equipment: L: HP4284A LCR meter; DCR: Milli-ohm meter.
Characteristics :
- Operating temperature range: -40°C ~ +85°C.
- Temperature Rise Current (I rms): The actual current when temperature of coil becomes Δ40°C.
(Ta = 25°C).
- Saturation Rated Current (IDC): The DC current when the inductance becomes 10% lower than its
initial value. (Ta = 25°C).
Applications :
- DC-DC converter, PDA.
- Other Various Electronic Appliances.
- Notebook, Personal Computers, Cellular Phone.
Test Equipment :
- Electrical specifications at 25°C.
- Inductance (L): HP4284A LCR meter.
- Direct Current Resistance (DCR): Milli-ohm meter.
TPSDC Chip Low DCR Power Inductors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com