Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDM74P1R2GP Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RDM74P1R2GP
Description  RDM Carbon Film Melf Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RDM74P1R2GP Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RDM74P1R2GP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RDM74P1R2GP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RDM74P1R2GP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03 of 03
How to Order
RDM74P
1R
J
TR
Resistance Value:
Code
Resistance Value
1R2
1.2Ω
12R
12Ω
120R
120Ω
12K
12KΩ
Product type: RDM73S, RDM73P, RDM74S, RDM74P, RDM16M, RDM17S, RDM17P
Code
Resistance Tolerance
G
±2%
J
±5%
Resistance Tolerance (%)
Code
Packaging
T
Taping Reel
P
Bulk
Packaging
RDM Carbon Film Melf Resistors
Back to 1st Page - Carbon Film Melf Resistors(RDM)
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com