Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT10.7MS2AP Datasheet(PDF) 21 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2AP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2AP Datasheet(HTML) 21 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2AP Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 19Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 20Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 21Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 22Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 23Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 24Page - Token Electronics Industry Co., Ltd. LT10.7MS2AP Datasheet HTML 25Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
LTS MCB/MDB Ceramic Filters
Ceramic Filters
Low Spurious
for TV/VCR Stage
Token (LTS MCB/MDB) Ceramic Filter
is suitable for Multiplex Sound TV in America
Preview
Token series ceramic filters low spurious for TV/VCR stage LTS MCB/MDB series use thickness shear vibration
mode and is compatible Murata SFSH MCB/MDB. Features with excellent spurious characteristics within Video
Signal Band, and 3 types bandwidths prepared to respond customer requests. LTS MCB/MDB is suitable for
Multiplex Sound TV in America.
The LTS MCB/MDB series conform to the RoHS directive and Lead-free. This filter low spurious for TV/VCR
stage LTS MCB/MDB series can be customed designs and tighter tolerances available on request.
Application of ceramic filter specific designs also available including different piezo band-pass devices and Q
specifications adjusted to frequency requirements. Token ceramic filters can supply you high performance, high
quality and stability.
With dimensions max (10 x 8.0 x 4.0 mm), Insert Loss max 6dB, and Spurious Attenuation (0~fo) min 30dB, The
LTS MCB/MDB has excellent spurious characteristics within Video Signal Band. Nominal Center Frequency (fo)
is available with 4.500kHz, 5.500kHz, 6.000kHz, and 6.500kHz.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements,please contact our sales for more information.
TOKEN
19 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com