Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCET24B-252 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TCET24B-252
Description  TCUU98V EMI Line Filters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCET24B-252 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TCET24B-252 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
02 of 11
TCUU98V EMI Line Filters
Magnetic Shielded Construction (TCUU98V) Configurations & Dimensions
Common Mode Chokes (TCUU98V) at 25°C Electrical Characteristics
Type
A (max)
B (max)
C (max)
D
E
F
G
TCUU98V
11.0
16.5
16.5
3.5
Φ0.6
7.0
8.0
Note: Design as Customer’s Requested Specifications.
Part Number
Inductance
(mH)(min)
Inductance Balance
(µH)(max)
DCR
(Ω)(max)
IDC
(A)(max)
TCUU98H-471
0.47
25
0.15
1.00
TCUU98H-681
0.68
25
0.25
0.85
TCUU98H-102
1.0
50
0.35
0.70
TCUU98H-222
2.2
50
0.7
0.50
TCUU98H-392
3.9
100
1.20
0.38
TCUU98H-472
4.7
100
1.60
0.34
TCUU98H-682
6.8
150
2.50
0.25
TCUU98H-103
10.0
200
4.00
0.20
Note: Test Freq.: 1.0kHz.
Allowable Current : D.C. Current When Temperature of Coil Increased up to 40°C .(Ta=25°C )
A
C
D
F
Version 2010
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com