Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRMI201209-R22 Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # TRMI201209-R22
Description  TRMI Chip Multilayer Ferrite Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMI201209-R22 Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  TRMI201209-R22 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRMI201209-R22 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRMI201209-R22 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRMI201209-R22 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRMI201209-R22 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRMI201209-R22 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRMI201209-R22 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMI201209-R22 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TRMI Chip Multilayer Ferrite Inductors
05 of 10
TRMI321611 Chips (EIA 1206) Electrical Characteristics
Part Number
Inductance
(nH)
Tolerance
L/Q Freq.
(MHz)
Q
(min)
SRF
(MHz)(min)
DCR
(Ω)(max)
IDC
(mA)(max)
TRMI321611 - 47N
47
± 20%
50MHz, 200mV
20
320
0.15
300
TRMI321611 - 56N
56
± 20%
50MHz, 200mV
20
280
0.25
300
TRMI321611 - 68N
68
± 20%
50MHz, 200mV
20
280
0.25
300
TRMI321611 - 82N
82
± 20%
50MHz, 200mV
20
250
0.25
300
TRMI321611 - R10
100
± 10,± 20% 25MHz, 200mV
20
235
0.25
250
TRMI321611 - R12
120
± 10,± 20% 25MHz, 200mV
20
220
0.30
250
TRMI321611 - R15
150
± 10,± 20% 25MHz, 200mV
20
200
0.30
250
TRMI321611 - R18
180
± 10,± 20% 25MHz, 200mV
20
185
0.40
250
TRMI321611 - R22
220
± 10,± 20% 25MHz, 200mV
20
170
0.40
250
TRMI321611 - R27
270
± 10,± 20% 25MHz, 200mV
20
150
0.50
250
TRMI321611 - R33
330
± 10,± 20% 25MHz, 200mV
20
145
0.60
250
TRMI321611 - R39
390
± 10,± 20% 25MHz, 200mV
25
135
0.50
200
TRMI321611 - R47
470
± 10,± 20% 25MHz, 200mV
25
125
0.60
200
TRMI321611 - R56
560
± 10,± 20% 25MHz, 200mV
25
115
0.70
150
TRMI321611 - R68
680
± 10,± 20% 25MHz, 200mV
25
105
0.80
150
TRMI321611 - R82
820
± 10,± 20% 25MHz, 200mV
25
100
0.90
150
TRMI321611 - 1R0
1000
± 10,± 20% 10MHz, 200mV
45
75
0.40
100
TRMI321611 - 1R2
1200
± 10,± 20% 10MHz, 200mV
45
65
0.50
100
TRMI321611 - 1R5
1500
± 10,± 20% 10MHz, 200mV
45
60
0.50
80
TRMI321611 - 1R8
1800
± 10,± 20% 10MHz, 200mV
45
55
0.50
70
TRMI321611 - 2R2
2200
± 10,± 20% 10MHz, 200mV
45
50
0.60
60
TRMI321611 - 2R7
2700
± 10,± 20% 10MHz, 200mV
45
45
0.60
60
TRMI321611 - 3R3
3300
± 10,± 20% 10MHz, 200mV
45
41
0.70
60
TRMI321611 - 3R9
3900
± 10,± 20% 10MHz, 200mV
45
38
0.80
50
TRMI321611 - 4R7
4700
± 10,± 20% 10MHz, 200mV
45
35
0.90
50
TRMI321611 - 5R6
5600
± 10,± 20% 4MHz, 200mV
45
32
0.70
25
TRMI321611 - 6R8
6800
± 10,± 20% 4MHz, 200mV
45
29
0.80
25
TRMI321611 - 8R2
8200
± 10,± 20% 4MHz, 200mV
45
26
0.90
25
TRMI321611 - 100
10000
± 10,± 20% 2MHz, 60mV
45
24
1.00
25
TRMI321611 - 120
12000
± 10,± 20% 2MHz, 60mV
45
22
1.05
15
TRMI321611 - 150
15000
± 10,± 20% 1MHz, 60mV
35
19
0.70
5
TRMI321611 - 180
18000
± 10,± 20% 1MHz, 60mV
35
18
0.75
5
TRMI321611 - 220
22000
± 10,± 20% 1MHz, 60mV
35
16
0.90
5
TRMI321611 - 270
27000
± 10,± 20% 1MHz, 60mV
35
14
0.90
5
TRMI321611 - 330
33000
± 10,± 20% 1MHz, 60mV
35
13
1.05
5
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com