Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCDA1109-R30M Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # TCDA1109-R30M
Description  TCDA Large Current Power Inductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCDA1109-R30M Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

  TCDA1109-R30M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCDA1109-R30M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCDA1109-R30M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCDA1109-R30M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCDA1109-R30M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCDA1109-R30M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCDA1109-R30M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCDA1109-R30M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCDA1109-R30M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
09 of 09
Part Number: TCDA
(TCUU98V, TCUU98H, TCUU10, TCUU16) How to Order
1312
TCDA
R22
Code
Size
1312
12.0×13.0mm
1210
10.2×12.3mm
1109
11.0×11.0mm
1090
11.0×11.0mm
0707
7.4×7.4mm
Size
Inductance
Code
Inductance
R22
0.22µH
1R0
1.00µH
M
Tolerance
Code
Tolerance
M
20%
Version 2010
TCDA Large Current Power Inductor
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Back to 1st Page - Large Current Power Inductor Through Hole (TCDA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com