Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCDA1109-R33M Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TCDA1109-R33M
Description  TCDA Large Current Power Inductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCDA1109-R33M Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TCDA1109-R33M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCDA1109-R33M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCDA1109-R33M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCDA1109-R33M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCDA1109-R33M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCDA1109-R33M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCDA1109-R33M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCDA1109-R33M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCDA1109-R33M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
04 of 09
(TCDA1312) Electrical Characteristics
Part
Number
L0
Inductance
(µH)
±20% @0A
C
(max)
(mm)
D ± 0.1
(mm)
DCR (mΩ)
Heat Rating
Current
Idc (Amp)
Typical
Saturation
Current
Isat (Amp)
Typical
(Typical)
(Max)
TCDA1312-R22M
0.22
9
1.7
0.40
0.55
45
60
TCDA1312-R30M
0.30
9
1.7
0.55
0.70
40
60
TCDA1312-R33M
0.33
9
1.7
0.55
0.70
40
60
TCDA1312-R39M
0.39
9
1.7
0.55
0.70
40
60
TCDA1312-R47M
0.47
10
1.7
0.70
0.80
40
60
TCDA1312-R50M
0.50
10
1.7
0.70
0.80
40
60
TCDA1312-R56M
0.56
10
1.7
0.70
0.80
40
60
TCDA1312-R60M
0.60
10
1.7
0.70
0.80
40
60
TCDA1312-R68M
0.68
10
1.7
0.70
0.80
40
50
TCDA1312-R80M
0.8
10
1.7
0.70
0.85
40
50
TCDA1312-1R0M
1.0
10
1.5
1.20
1.35
30
50
TCDA1312-1R2M
1.2
10
1.5
1.20
1.50
30
40
TCDA1312-1R5M
1.5
10
1.4
1.50
1.70
25
30
TCDA1312-2R0M
2.0
10
1.2
2.90
3.30
17
25
TCDA1312-2R2M
2.2
10
1.2
2.90
3.30
17
25
Note: All test Data is referenced to 25°C ambient.
Typical Heat Rating DC Current would cause an approximately ΔT of 40°C.
Typical Saturation DC Current would cause Lo to drop approximately 20%.
Operating Temperature Range: -25°C to +125°C.
Version 2010
TCDA Large Current Power Inductor
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com