Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCDA1109-R47M Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TCDA1109-R47M
Description  TCDA Large Current Power Inductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCDA1109-R47M Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TCDA1109-R47M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCDA1109-R47M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCDA1109-R47M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCDA1109-R47M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCDA1109-R47M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCDA1109-R47M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCDA1109-R47M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCDA1109-R47M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCDA1109-R47M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
01 of 09
Version 2010
Large Current Power Inductor, Low DCR - TCDA Series
Large Current
Power Inductor
TCDA Large Current Power Inductor
Technology of Diagonal Through Hole
Power Inductor Design (TCDA)
Preview
Token’s TCDA Large Current Series power inductors feature with high current, low DC resistance, high
frequency, easy heat dissipation, and high reliability advantages.
Token utilizes the latest technology of diagonal through hole power inductor design enabling the most cost-
effective propose in manufacturing TCDA Products.
Token will also produce devices outside these specifications to meet customer requirements, with comprehensive
application engineering and design support available for customers worldwide.
The TCDA series is lead-free and RoHS compliant. Detailed specifications, both mechanical and electrical,
please contact our sales representative for more information.
Features :
- Low DCR.
- High Frequency (up to 1MHz).
- Low Profile: 7.5mm ~ 10.0mm
- For Large Current Use: 12 ~ 45 amp.
- Diagonal Through Hole Power Inductor.
Applications :
- Graphic Card/ VGA Module.
- Inductor for general purpose use.
- Laptop Computer / Notebook Computer.
- DC/DC converter or VRM applications.
- Thin type on-board power supply module
for exchanger.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCDA1109-R47M

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCD-10-122-75X MINI-TCD-10-122-75X Datasheet
334Kb / 2P
Directional Coupler
TCD-10-122-75X+ MINI-TCD-10-122-75X+ Datasheet
334Kb / 2P
Directional Coupler
TCD-10-1W MINI-TCD-10-1W Datasheet
286Kb / 1P
Directional Coupler 50廓 10 to 750 MHz
TCD-10-1W+ MINI-TCD-10-1W+ Datasheet
286Kb / 1P
Directional Coupler 50廓 10 to 750 MHz
TCD-10-1W-75 MINI-TCD-10-1W-75 Datasheet
280Kb / 1P
Directional Coupler 75廓 10 to 750 MHz
More results

Similar Description - TCDA1109-R47M

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
NEC
MPCH0730LR12 NEC-MPCH0730LR12 Datasheet
1Mb / 2P
Large-Current Power Inductor MPCH Series
MPLCG0530LR22 NEC-MPLCG0530LR22 Datasheet
1Mb / 2P
Large-Current Power Inductor MPLCG Series
MPLCH0740L1R0 NEC-MPLCH0740L1R0 Datasheet
1Mb / 2P
Large-Current Power INductor MPLCH Series
logo
Kemet Corporation
MPLCH0740L1R0 KEMET-MPLCH0740L1R0 Datasheet
398Kb / 5P
Large-Current Power Inductors MPLCH
logo
Shanghai Leiditech Elec...
MHCI0603-3R3M-R8A LEIDITECH-MHCI0603-3R3M-R8A Datasheet
1Mb / 6P
This specification applies to large current and low loss SMD shielding power inductor.
MHCI04020-2R2M-R8 LEIDITECH-MHCI04020-2R2M-R8 Datasheet
2Mb / 7P
This specification applies to large current and low loss SMD shielding power inductor.
logo
Shenzhen Codaca Electro...
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com