Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT10.7MFPDP Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MFPDP
Description  LT10.7M Ceramic Filters for FM Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MFPDP Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  LT10.7MFPDP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LT10.7MFPDP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LT10.7MFPDP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LT10.7MFPDP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
03 of 04
Test Circuit
Characteristics
LT10.7M Ceramic Filters for FM Receiver
LT10.7MA5
LT10.7MS2
LT10.7MS3
Frequency(MHz)
Frequency(MHz)
0
Frequency(MHz)
10
20
30
40
10.3 10.5 10.7
11.1
10.9
40
30
20
10
0
0
10
20
30
40
10.3
10.3
10.5
10.5
10.7
10.7
10.9
10.9
11.1
11.1
~
③
①
②
R1
R2
Rg
S.S.G
C
RF
V.M
Rg + R1 = R2 = 330 Ω
C = 10pF
Including stray capacitance and input capacitance of RF voltmeter
1. When using ceramic filters, it is most important to match the input/output load to impedance 330 ohm
(LT10.7MA19 is 470 ohm matching). Waveform symmetry is damaged when reactance is added to
the input/output load.
2. Two ceramic filters directly connected can be used for high selectivity. For reducing waveform
variation, it is recommended to input a buffer AMP between ceramic filters.
3. The LT10.7M series are of input/output symmetric structure so that in theory there is no input/output
directionality. Actual circuits may use different input/output loading conditions (for example,
mismatched impedance) or capacitance load. In such cases, the waveform will be a little changed by
the direction of the input/output of the ceramic filters.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com