Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRMI321611-R15 Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TRMI321611-R15
Description  TRMI Chip Multilayer Ferrite Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMI321611-R15 Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TRMI321611-R15 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRMI321611-R15 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRMI321611-R15 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRMI321611-R15 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRMI321611-R15 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRMI321611-R15 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRMI321611-R15 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMI321611-R15 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TRMI Chip Multilayer Ferrite Inductors
03 of 10
TRMI160808 Chips (EIA 0603) Electrical Characteristics
Part Number
Inductance
(nH)
Tolerance
L/Q Freq.
(MHz)
Q
(min)
SRF
(MHz)(min)
DCR
(Ω)(max)
IDC
(mA)(max)
TRMI160808 - 10N
10
± 20%
50MHz, 200mV
10
300
0.20
50
TRMI160808 - 33N
33
± 20%
50MHz, 200mV
10
270
0.20
50
TRMI160808 - 47N
47
± 20%
50MHz, 200mV
10
260
0.30
50
TRMI160808 - 56N
56
± 20%
50MHz, 200mV
10
255
0.30
50
TRMI160808 - 68N
68
± 20%
50MHz, 200mV
10
250
0.30
50
TRMI160808 - 82N
82
± 20%
50MHz, 200mV
10
245
0.30
50
TRMI160808 - R10
100
± 10,± 20% 25MHz, 200mV
15
240
0.50
50
TRMI160808 - R12
120
± 10,± 20% 25MHz, 200mV
15
205
0.50
50
TRMI160808 - R15
150
± 10,± 20% 25MHz, 200mV
15
180
0.60
50
TRMI160808 - R18
180
± 10,± 20% 25MHz, 200mV
15
165
0.60
50
TRMI160808 - R22
220
± 10,± 20% 25MHz, 200mV
15
150
0.80
50
TRMI160808 - R27
270
± 10,± 20% 25MHz, 200mV
15
136
0.80
50
TRMI160808 - R33
330
± 10,± 20% 25MHz, 200mV
15
125
0.85
35
TRMI160808 - R39
390
± 10,± 20% 25MHz, 200mV
15
110
1.00
35
TRMI160808 - R47
470
± 10,± 20% 25MHz, 200mV
15
105
1.35
35
TRMI160808 - R56
560
± 10,± 20% 25MHz, 200mV
15
95
1.55
35
TRMI160808 - R68
680
± 10,± 20% 25MHz, 200mV
15
85
1.70
35
TRMI160808 - R82
820
± 10,± 20% 25MHz, 200mV
15
75
2.10
35
TRMI160808 - 1R0
1000
± 10,± 20% 10MHz, 200mV
35
65
0.60
25
TRMI160808 - 1R2
1200
± 10,± 20% 10MHz, 200mV
35
60
0.80
25
TRMI160808 - 1R5
1500
± 10,± 20% 10MHz, 200mV
35
55
0.80
25
TRMI160808 - 1R8
1800
± 10,± 20% 10MHz, 200mV
35
50
0.95
25
TRMI160808 - 2R2
2200
± 10,± 20% 10MHz, 200mV
35
45
1.55
15
TRMI160808 - 2R7
2700
± 10,± 20% 10MHz, 200mV
35
40
1.35
15
TRMI160808 - 3R3
3300
± 10,± 20% 10MHz, 200mV
35
38
1.55
15
TRMI160808 - 3R9
3900
± 10,± 20% 10MHz, 200mV
35
35
1.70
15
TRMI160808 - 4R7
4700
± 10,± 20% 10MHz, 200mV
35
33
2.10
15
TRMI160808 - 5R6
5600
± 10,± 20% 4MHz, 200mV
35
22
1.55
5
TRMI160808 - 6R8
6800
± 10,± 20% 4MHz, 200mV
35
20
1.70
5
TRMI160808 - 8R2
8200
± 10,± 20%
4MHz, 60 mV
30
18
2.10
5
TRMI160808 - 100
10000
± 10,± 20%
2MHz, 60mV
30
17
2.55
5
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com