Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AU100RHP Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AU100RHP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU100RHP Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AU100RHP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RHP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RHP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RHP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RHP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RHP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RHP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RHP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. KNP-R3AU100RHP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Selecting The Optimum Resistors
Selecting The Optimum Resistor Technology to Best Match The Performance Requirements
Comparision of Axial Lead Resistor Characteristics Table
Characteristics
Thin Film
Thick Film
Wire Wound
Alloy
Strip
Carbon
Film
Metal
Film
Metal
Oxide Film
Metal
Glaze Film Standard
Non-
Inductive
Tolerance
(%)
±0.01
±0.02
±0.05
±0.1
±0.25
±0.5
±1.0
±2.0
±5.0
±10
Temperature
Coefficient
(PPM/°C)
5
10
15
25
50
100
200
400
1,000
Operating
Temperature
Range (°C)
200
165
125
70
40
10
Wattage (W) 1/16
1/8
1/4
1/2
1
2
3
5
10
Continued on the following page.
TOKEN
05 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com