Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSPA-1235-R15M Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # TPSPA-1235-R15M
Description  TPSPA High Saturation Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSPA-1235-R15M Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

  TPSPA-1235-R15M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSPA-1235-R15M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSPA-1235-R15M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSPA-1235-R15M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSPA-1235-R15M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSPA-1235-R15M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSPA-1235-R15M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSPA-1235-R15M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSPA-1235-R15M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
09 of 09
Part Number: TPSPA
Reel Quantity
1265
TPSPA
Size (L×M)(mm)
Code
Size
0603
6.8×7.1
0603A
6.8×7.1
1040
10.5×11.5
1040A
10.5×11.5
1040B
10.5×11.5
1040C
10.5×11.5
1235
12.8×13.2
1240
12.8×13.2
1250
12.8×13.2
1265
12.8×13.2
Reel
5Reel / Box
6Box / Carton
Q’ty(Pcs)
Size m/m
Q’ty(Pcs)
Size m/m
Q’ty(Pcs)
Size m/m
2,000
180Ø
10,000
182×182×80
60,000
540×210×205
How to Order
R10
Tolerance
Code
Tolerance
M
20%
M
Inductance
Code
Inductance
R10
0.10µH
1R0
1.00µH
http://www.token.com.tw/
rfq token.com.tw
Version 2010
Back to 1st Page - SMT Power High Saturation Inductors (TPSPA)
TPSPA High Saturation Power Inductors
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com