Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCRB0807-102M Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TCRB0807-102M
Description  TCRB Coil Choke Inductors Radial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCRB0807-102M Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TCRB0807-102M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCRB0807-102M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCRB0807-102M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCRB0807-102M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCRB0807-102M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCRB0807-102M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCRB0807-102M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
04 of 07
(TCRB0805) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω)(max)
IDC (A)(max)
TCRB0805 - 100M
10.00
1
0.070
2.50
TCRB0805 - 120M
12.00
1
0.080
2.40
TCRB0805 - 150M
15.00
1
0.090
2.10
TCRB0805 - 180M
18.00
1
0.100
2.00
TCRB0805 - 220M
22.00
1
0.120
1.70
TCRB0805 - 270M
27.00
1
0.140
1.60
TCRB0805 - 330M
33.00
1
0.170
1.40
TCRB0805 - 390M
39.00
1
0.210
1.30
TCRB0805 - 470M
47.00
1
0.240
1.20
TCRB0805 - 560M
56.00
1
0.310
1.10
TCRB0805 - 680M
68.00
1
0.340
1.00
TCRB0805 - 820M
82.00
1
0.400
0.93
TCRB0805 - 101M
100.00
1
0.520
0.81
TCRB0805 - 121M
120.00
1
0.590
0.76
TCRB0805 - 151M
150.00
1
0.710
0.67
TCRB0805 - 181M
180.00
1
0.890
0.62
TCRB0805 - 221M
220.00
1
1.040
0.54
TCRB0805 - 271M
270.00
1
1.280
0.49
TCRB0805 - 331M
330.00
1
1.470
0.44
TCRB0805 - 391M
390.00
1
1.670
0.41
TCRB0805 - 471M
470.00
1
1.950
0.38
TCRB0805 - 561M
560.00
1
2.830
0.35
TCRB0805 - 681M
680.00
1
3.250
0.32
TCRB0805 - 821M
820.00
1
3.820
0.31
TCRB0805 - 102M
1000.00
1
5.280
0.25
TCRB0805 - 122M
1200.00
1
6.030
0.23
TCRB0805 - 152M
1500.00
1
7.150
0.21
TCRB0805 - 182M
1800.00
1
8.260
0.20
TCRB0805 - 222M
2200.00
1
11.100
0.18
TCRB0805 - 272M
2700.00
1
13.100
0.16
TCRB0805 - 332M
3300.00
1
15.900
0.14
TCRB0805 - 392M
3900.00
1
18.000
0.13
TCRB0805 - 472M
4700.00
1
23.900
0.12
TCRB0805 - 562M
5600.00
1
26.800
0.11
TCRB0805 - 682M
6800.00
1
31.700
0.098
TCRB0805 - 822M
8200.00
1
46.500
0.088
TCRB0805 - 103M
10000.00
1
55.700
0.081
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at IDC.
Version 2010
TCRB Coil Choke Inductors Radial
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com