Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSPA-1250-R22M Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # TPSPA-1250-R22M
Description  TPSPA High Saturation Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSPA-1250-R22M Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  TPSPA-1250-R22M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R22M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R22M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R22M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R22M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R22M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R22M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R22M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R22M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
05 of 09
(TPSPA1235) Electrical Characteristics
Part Numbers
L0 Inductance
(µH) ±20% @0A
DCR (mΩ)
Heat Rating Current
Idc (Amp) Typical
Saturation Current
Isat (Amp) Typical
(Typical)
(Max)
TPSPA-1235-R10M
0.10
0.8
0.96
43
84
TPSPA-1235-R15M
0.15
1.0
1.2
41
75
TPSPA-1235-R22M
0.22
1.1
1.3
38.5
65
TPSPA-1235-R33M
0.33
1.3
1.5
36.5
62
TPSPA-1235-R47M
0.47
1.6
2.0
32
55
TPSPA-1235-R60M
0.60
1.8
2.2
29
51
TPSPA-1235-R68M
0.68
2.3
2.5
28
49
TPSPA-1235-R82M
0.82
2.6
3.0
25
44
TPSPA-1235-1R0M
1.0
3.3
3.5
24
40
TPSPA-1235-1R5M
1.5
5.1
5.5
19
35
TPSPA-1235-1R8M
1.8
6.5
7.0
16.5
30
TPSPA-1235-2R2M
2.2
7.2
8.0
16
29
TPSPA-1235-3R3M
3.3
11.0
12.0
12
27
TPSPA-1235-4R7M
4.7
14.3
15.0
10
24
TPSPA-1235-5R6M
5.6
17.1
18.0
9.5
19
TPSPA-1235-6R8M
6.8
19.8
22.0
9
18
TPSPA-1235-8R2M
8.2
24.8
28.0
8.5
16
TPSPA-1235-100M
10
30.4
34.0
7
14
Note: All test Data is referenced to 25°C ambient.
Typical Heat Rating DC Current would cause an approximately ΔT of 40°C.
Typical Saturation DC Current would cause Lo to drop approximately 20%.
Operating Temperature Range: -25°C to +125°C.
TPSPA High Saturation Power Inductors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Version 2010



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com