Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSPA-1250-R47M Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # TPSPA-1250-R47M
Description  TPSPA High Saturation Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSPA-1250-R47M Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  TPSPA-1250-R47M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R47M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R47M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R47M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R47M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R47M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R47M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R47M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R47M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
06 of 09
(TPSPA1240) Electrical Characteristics
Part Numbers
L0 Inductance
(µH) ±20% @0A
DCR (mΩ)
Heat Rating Current
Idc (Amp) Typical
Saturation Current
Isat (Amp) Typical
(Typical)
(Max)
TPSPA-1240-R10M
0.10
0.90
1.10
43
75
TPSPA-1240-R22M
0.22
1.20
1.40
41
70
TPSPA-1240-R33M
s0.33
1.30
1.50
38
60
TPSPA-1240-R47M
0.47
1.40
1.90
32
55
TPSPA-1240-R60M
0.60
2.00
2.30
30
50
TPSPA-1240-R68M
0.68
2.10
2.50
28
46
TPSPA-1240-R82M
0.82
2.70
3.10
25
44
TPSPA-1240-0R9M
0.9
3.00
3.50
24
40
TPSPA-1240-1R0M
1.0
3.00
3.70
24
38
TPSPA-1240-1R2M
1.2
3.00
3.70
20
25
TPSPA-1240-1R5M
1.5
5.50
6.00
19
30
TPSPA-1240-1R8M
1.8
6.40
7.60
16
26
TPSPA-1240-2R2M
2.2
6.40
7.60
16
22
TPSPA-1240-3R3M
3.3
7.50
8.40
14
20
TPSPA-1240-4R7M
4.7
10.50
12.00
11
15
Note: All test Data is referenced to 25°C ambient.
Typical Heat Rating DC Current would cause an approximately ΔT of 40°C.
Typical Saturation DC Current would cause Lo to drop approximately 20%.
Operating Temperature Range: -25°C to +125°C.
TPSPA High Saturation Power Inductors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com