Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSPA-1250-R82M Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TPSPA-1250-R82M
Description  TPSPA High Saturation Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSPA-1250-R82M Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TPSPA-1250-R82M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R82M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R82M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R82M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R82M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R82M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R82M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R82M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R82M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
04 of 09
(TPSPA1040B) Electrical Characteristics
Part Numbers
L0 Inductance
(µH) ±20% @0A
DCR (mΩ)
Heat Rating Current
Idc (Amp) Typical
Saturation Current
Isat (Amp) Typical
(Typical)
(Max)
TPSPA-1040B-R19M
0.19
0.875
0.95
40
90
TPSPA-1040B-R36M
0.36
1.30
1.40
31.5
60
TPSPA-1040B-R56M
0.56
1.70
1.80
27.5
49
TPSPA-1040B-1R0M
1.0
3.70
4.10
17.5
36
TPSPA-1040B-1R5M
1.5
5.30
5.80
15
27.5
TPSPA-1040B-2R2M
2.2
8.20
9.00
12
25.5
TPSPA-1040B-3R3M
3.3
10.80
11.80
10
18.6
TPSPA-1040B-4R7M
4.7
15.00
16.50
9.5
17
TPSPA-1040B-5R6M
5.6
17.60
19.30
8.5
16
TPSPA-1040B-6R8M
6.8
21.20
23.30
8.0
13.5
TPSPA-1040B-8R2M
8.2
31.00
34.00
7.0
12.5
TPSPA-1040B-100M
10
33.20
36.50
6.8
12
Note: All test Data is referenced to 25°C ambient.
Typical Heat Rating DC Current would cause an approximately ΔT of 40°C.
Typical Saturation DC Current would cause Lo to drop approximately 20%.
Operating Temperature Range: -25°C to +125°C.
(TPSPA1040C) Electrical Characteristics
Part Numbers
L0 Inductance
(µH) ±20% @0A
DCR (mΩ)
Heat Rating Current
Idc (Amp) Typical
Saturation Current
Isat (Amp) Typical
(Typical)
(Max)
TPSPA-1040C-R19M
0.19
0.70
0.80
40.0
46
TPSPA-1040C-R24M
0.24
0.85
0.95
33
44
TPSPA-1040C-R36M
0.36
1.05
1.15
32
30
TPSPA-1040C-R47M
0.47
1.53
1.68
30
30
TPSPA-1040C-R56M
0.56
1.60
1.80
32
22
TPSPA-1040C-R78M
0.78
1.80
1.90
27
22
TPSPA-1040C-1R0M
1.0
2.30
2.50
25
20
TPSPA-1040C-1R8M
1.8
4.50
5.00
17
16
TPSPA-1040C-2R0M
2.0
5.20
5.80
16
14
TPSPA-1040C-4R7M
4.7
12.90
14.20
9.5
7.6
TPSPA-1040C-6R8M
6.8
17.50
19.30
9.0
7.5
TPSPA-1040C-100M
10
27.80
30.50
7.5
7.1
TPSPA-1040C-150M
15
40.90
45.00
6.25
6.0
TPSPA-1040C-220M
22
60.40
66.00
5.0
4.5
TPSPA-1040C-330M
33
87.50
94.50
4.4
4.0
TPSPA-1040C-470M
47
132.0
145.0
4.0
3.0
TPSPA-1040C-101M
100
249.0
270.0
3.00
2.25
Note: All test Data is referenced to 25°C ambient.
Typical Heat Rating DC Current would cause an approximately ΔT of 40°C.
Typical Saturation DC Current would cause Lo to drop approximately 20%.
Operating Temperature Range: -25°C to +125°C.
TPSPA High Saturation Power Inductors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com