Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPUTX-4P Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TPUTX-4P
Description  TPUTX Chip Toroidal Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPUTX-4P Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TPUTX-4P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPUTX-4P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPUTX-4P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPUTX-4P Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
02 of 04
(TPULF7032/7045) Dimensions & Configurations
Version 2010
A
Land Pattern
GS
XXX
Top View
B
1
TP
XXX
2
3
A
Top View
C
1
2
3
4
4
D
E
Top View
G
1
2
1
2
4
3
3
4
TPU2P/TPU4P
TPU2S/TPU4S
Type
A ± 0.5
B ± 0.5
C(max)
D
E
F
G
H
TPUTX-2P
9.00
11.60
5.96
7.04
10.72
9.96
3.68
3.05
TPUTX-4P
11.40
14.40
7.00
8.84
12.50
12.50
4.06
3.05
TPUTX-2S
9.00
11.60
5.96
7.04
10.72
9.96
3.68
3.05
TPUTX-4S
11.40
14.40
7.00
8.84
12.50
12.50
4.06
3.05
Note: Design as Customer’s Requested Specifications.
(TPUTX-2P) Electrical Characteristics
Part Number
L (µH)±20%
L @ IDC(µH) (min)
DCR (Ω)(max)
IDC (A)(max)
TPUTX-2P-0.47
0.54
0.42
0.006
5.90
TPUTX-2P-0.68
0.85
0.64
0.008
5.40
TPUTX-2P-1
1.22
0.89
0.009
5.00
TPUTX-2P-2
2.18
1.56
0.014
3.90
TPUTX-2P-5
4.90
3.57
0.032
2.50
TPUTX-2P-8
7.65
5.31
0.040
2.30
TPUTX-2P-10
9.83
6.73
0.045
2.10
TPUTX-2P-15
14.99
10.51
0.085
1.60
TPUTX-2P-20
19.58
13.37
0.097
1.50
TPUTX-2P-25
24.79
16.60
0.109
1.40
TPUTX-2P-33
32.67
21.29
0.126
1.30
TPUTX-2P-50
49.10
35.31
0.306
0.82
TPUTX-2P-68
68.85
47.93
0.362
0.76
TPUTX-2P-100
99.14
69.56
0.541
0.62
TPUTX-2P-150
148.10
100.07
0.666
0.56
TPUTX-2P-200
201.59
138.49
0.951
0.46
TPUTX-2P-300
300.42
197.52
1.176
0.42
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C.
TPUTX Chip Toroidal Power Inductors
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com