Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17L Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # BFS17L
Description  NPN SILICON PLANAR RF TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BFS17L Datasheet(HTML) 2 Page - Zetex Semiconductors

  BFS17L Datasheet HTML 1Page - Zetex Semiconductors BFS17L Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BFS17L
BFS17H
TYPICAL CHARACTERISTICS
fT v IC
IC - Collector Current (mA)
1
µ
10
µ
10m
100
µ
1m
IC - Collector Current (A)
hFE v IC
20
40
60
80
100
0.1
f=400MHz
1000
1
2
3
VCE - (V)
CRE v VCE
0
10
20
30
0.5
1.0
1.5
2.0
VCE=10V
0
110
VCE=10V
VCE=5V
100m
f=1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com