Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1213 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TC1213
Description  TC1213 Through Hole Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TC1213 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TC1213 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TC1213 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02 of 02
Version 2010
TC1213 Through Hole Power Inductors
Configurations & Dimensions
A
B
D
C
BottomView
TC
F
E
I
G
H
Top View
Land Pattern
Type
A(max)
B(max)
C ± 1.0
D(max)
E(Ref.)
F(Ref.)
G
H
I
TC1213
14.0
14.5
5.0
9.5
7.0
5.0
7.5
5.5
1.8
TC1213A
14.0
14.5
5.0
9.5
7.0
5.0
7.5
5.5
1.8
TC1213B
14.5
14.5
5.0
9.5
7.0
5.0
7.5
5.5
1.8
Note: Design as Customer’s Requested Specifications.
Electrical Characteristics
Part Number
Inductance(µH) Test Freq.(KHz) DCR (Ω)(max) Peak Current (A) (max) Irms (A)(max)
TC1213 - R68N
0.68
100
0.0015
40.00
20.00
TC1213A - R33N
0.33
100
0.0015
40.00
20.00
TC1213B - 1R0N
1.00
100
0.0015
35.00
20.00
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at Peak Current.
ΔT=40°C rise at Irms.
Part Number: TC1213, TC1213A , TC1213B
How to Order
1R0
TC1213B
N
Code
Inductance
R68
0.68µH
1R0
1.00µH
Inductance
Tolerance
Code
Tolerance
N
30%
Back to 1st Page - Power Inductors Through Hole (TC1213)
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com