Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPU5022DHP-R78N Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TPU5022DHP-R78N
Description  TPUDHP Wirewound Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU5022DHP-R78N Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TPU5022DHP-R78N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPU5022DHP-R78N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPU5022DHP-R78N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPU5022DHP-R78N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04 of 04
TPU××DHP Wirewound Power Inductors
Version 2010
Part Number: TPU1813DHP, TPU3316DHP, TPU5022DHP
100
TPU1608DF
Inductance
Code
Inductance
R56
0.56µH
4R7
4.70µH
100
10.00µH
(TPU1813DHP, TPU3316DHP, TPU5022DHP) How to Order
M
Tolerance
Code
Tolerance
K
10%
L
15%
M
20%
N
30%
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - Wirewound Power Inductors (TPU××××DHP)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com