Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPU3308DF-331M Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TPU3308DF-331M
Description  TPUDF Wire Wound Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU3308DF-331M Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TPU3308DF-331M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPU3308DF-331M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPU3308DF-331M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPU3308DF-331M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPU3308DF-331M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
01 of 05
Version 2010
SMT Unshielded
Wire-wound
Power Inductors
TPUDF Wire Wound Power Inductors
SMT Unshielded Power Inductors (TPUDF)
Provide Full Range Inductance
Preview
Power inductor TPUDF series metalized drum core design utilizes board space and general use by Token’s
automatic wire wound technology and ferrite core.
The TPUDF wire-wound open magnetic circuit construction are particularly suitable for cost-critical mass
applications and thanks to their surface-mounting capability. These material saving power inductors are ideal for
applications such as storage chokes in DC/DC convertors as well as in the EMC sector.
The TPUDF series is designed for DC-DC converter applications and features reduced DC resistance and
increased allowable current. In DC-DC converters and power supplies, the performance of the power components
directly affects the overall efficiency of the supply, so it is of paramount importance.
The TPUDF series features wide inductance range from 1.00 uH to 1000.00 uH. The TPU5022DF version has
an insertion height of 7.11 mm with low DC resistance down to 0.009 Ohm. Available inductance values for the
new TPU5022DF are from 1.00 uH to 1000.00 uH with rated current up to 20.00 A. Thanks to its temperature
stability, it can be used in ambient temperatures ranging from -40°C to +85°C.
Token SMT unshielded wire wound inductors TPUDF series conforms to the RoHS directive and Lead-free.
Custom parts are available on request for tighter tolerances. Application of specific designs also available
including different inductance and frequency specifications adjusted to requirements. Please contact our sales for
more information.
Features :
- Open magnetic circuit construction.
- High Current, Low DCR.
Applications :
- Notebook, Cellular Phone.
- DC/DC converter, PDA.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPU3308DF-331M

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPU3316DHP TOKEN-TPU3316DHP Datasheet
403Kb / 4P
TPUDHP Wirewound Power Inductors
TPU3316DHP-1R0N TOKEN-TPU3316DHP-1R0N Datasheet
403Kb / 4P
TPUDHP Wirewound Power Inductors
TPU3316DHP-1R5M TOKEN-TPU3316DHP-1R5M Datasheet
403Kb / 4P
TPUDHP Wirewound Power Inductors
TPU3316DHP-2R2M TOKEN-TPU3316DHP-2R2M Datasheet
403Kb / 4P
TPUDHP Wirewound Power Inductors
TPU3316DHP-2R7M TOKEN-TPU3316DHP-2R7M Datasheet
403Kb / 4P
TPUDHP Wirewound Power Inductors
More results

Similar Description - TPU3308DF-331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
Power Inductors / Wire Wound type
ELL-ATV680M PANASONIC-ELL-ATV680M Datasheet
79Kb / 2P
Power Inductors / Wire Wound type
logo
Taiyo Yuden (U.S.A.), I...
BRC2016T101K TAIYO-YUDEN-BRC2016T101K Datasheet
138Kb / 1P
Wire-wound Chip Power Inductors
BRC2016T330M TAIYO-YUDEN-BRC2016T330M Datasheet
138Kb / 1P
Wire-wound Chip Power Inductors
BRL1608T1R0M TAIYO-YUDEN-BRL1608T1R0M Datasheet
138Kb / 1P
Wire-wound Chip Power Inductors
BRL2012T1R5M TAIYO-YUDEN-BRL2012T1R5M Datasheet
138Kb / 1P
Wire-wound Chip Power Inductors
BRL2012T150M TAIYO-YUDEN-BRL2012T150M Datasheet
138Kb / 1P
Wire-wound Chip Power Inductors
BRL2012T220M TAIYO-YUDEN-BRL2012T220M Datasheet
138Kb / 1P
Wire-wound Chip Power Inductors
BRL2012T680M TAIYO-YUDEN-BRL2012T680M Datasheet
138Kb / 1P
Wire-wound Chip Power Inductors
BRC2518T150K TAIYO-YUDEN-BRC2518T150K Datasheet
133Kb / 1P
Wire-wound Chip Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com