Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP404ACEZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADMP404ACEZ
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP404ACEZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMP404ACEZ Datasheet HTML 4Page - Analog Devices ADMP404ACEZ Datasheet HTML 5Page - Analog Devices ADMP404ACEZ Datasheet HTML 6Page - Analog Devices ADMP404ACEZ Datasheet HTML 7Page - Analog Devices ADMP404ACEZ Datasheet HTML 8Page - Analog Devices ADMP404ACEZ Datasheet HTML 9Page - Analog Devices ADMP404ACEZ Datasheet HTML 10Page - Analog Devices ADMP404ACEZ Datasheet HTML 11Page - Analog Devices ADMP404ACEZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Preliminary Technical Data
ADMP404
Rev. PrH | Page 11 of 12
OUTLINE DIMENSIONS
Figure 11. 3-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
3.35 mm × 2.50 mm Body
(CE-3-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering Quantity
ADMP404ACEZ
−40°C to +70°C
3-Terminal LGA_CAV
CE-3-22
1
ADMP404ACEZ-RL
−40°C to +70°C
3-Terminal LGA_CAV, 13”Tape and Reel
CE-3-22
10,000
ADMP404ACEZ-RL7
−40°C to +70°C
3-Terminal LGA_CAV, 7”Tape and Reel
CE-3-22
1,000
EVAL-ADMP404Z
Evaluation Board
1
Z = RoHS Compliant Part.
2
This package option is halide free.
2.575
2.500
2.425
3.425
3.350
3.275
TOP VIEW
SIDE VIEW
REFERENCE
CORNER
0.98
0.88
0.78
0.21 REF
2.21
REF
3.06 REF
0.65 REF
BOTTOM VIEW
1.08
0.95 DIA.
0.25 NOM
0.20 MIN DIA.
THRU HOLE
(SOUND PORT)
1.22 BSC
1.25
0.54
REF
0.64 REF
1.56 DIA.
1.52
0.75 REF
0.30
BSC
1
3
2
0.90 × 0.68
(PINS 1, 3)
0.20 TYP
× 45°
0.30 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com