Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADMP404Z Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-ADMP404Z
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADMP404Z Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-ADMP404Z Datasheet HTML 3Page - Analog Devices EVAL-ADMP404Z Datasheet HTML 4Page - Analog Devices EVAL-ADMP404Z Datasheet HTML 5Page - Analog Devices EVAL-ADMP404Z Datasheet HTML 6Page - Analog Devices EVAL-ADMP404Z Datasheet HTML 7Page - Analog Devices EVAL-ADMP404Z Datasheet HTML 8Page - Analog Devices EVAL-ADMP404Z Datasheet HTML 9Page - Analog Devices EVAL-ADMP404Z Datasheet HTML 10Page - Analog Devices EVAL-ADMP404Z Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary Technical Data
ADMP404
Rev. PrH | Page 7 of 12
APPLICATIONS INFORMATION
The ADMP404 output can be connected to a dedicated codec
microphone input (see Figure 7) or to a high input impedance
gain stage (see Figure 8). A 0.1 µF ceramic capacitor (C1) at VDD
placed close to the ADMP404 supply pins is used for testing and
is recommended to adequately decouple the microphone from
noise on the power supply. A 1 µF or larger dc-blocking tantalum
capacitor (C2) is required at the output of the microphone.
CONNECTING THE ADMP404 TO A CODEC
ADAU1761
ADMP404
MIC INPUT
C2
1µF
C1
0.1µF
GND
GND
GND
VDD
OUTPUT
Figure 7. ADMP404 Connected to the Analog Devices ADAU1761 Codec
CONNECTING THE ADMP404 TO AN OP AMP GAIN
STAGE
ADMP404
R1
10k
Ω
R3
R2
GND
GND
OUTPUT
3
2
4
7
6
GND
VDD
U1
OP177
GAIN = (R2 + R3)/R3
C2
1µF
C1
0.1µF
Figure 8. ADMP404 Connected to the OP177 Op Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com