Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1650 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1650
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1650 Datasheet HTML 9Page - Analog Devices ADP1650 Datasheet HTML 10Page - Analog Devices ADP1650 Datasheet HTML 11Page - Analog Devices ADP1650 Datasheet HTML 12Page - Analog Devices ADP1650 Datasheet HTML 13Page - Analog Devices ADP1650 Datasheet HTML 14Page - Analog Devices ADP1650 Datasheet HTML 15Page - Analog Devices ADP1650 Datasheet HTML 16Page - Analog Devices ADP1650 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADP1650
Rev. 0 | Page 13 of 32
ASSIST LIGHT
The assist light provides continuous current programmable
from 25 mA to 200 mA. Set the assist light current using the
I_TOR bits (in Register 0x03). To enable assist, set LED_MOD
to assist light mode and set OUTPUT_EN =1 (in Register
0x04). Disable assist light mode by setting LED_MOD to
standby mode or setting OUTPUT_EN = 0.
LED CURRENT
REG 0x03, I_TOR = XXX
REG 0x04, OUTPUT_EN = 1
LED_MOD = 10
I2C DATA BUS
REG 0x04, OUTPUT_EN = 0
0A
I(ASSIST)
Figure 25. Enabling Assist Light Mode
FLASH MODE
Flash mode provides 300 mA to 1.5 A for a programmable time
of up to 1.6 seconds. Set the flash current using the I_FL bits (in
Register 0x03) and the maximum flash duration with the
FL_TIM bits (in Register 0x02). To enable flash mode, set
LED_MOD to flash mode and set OUTPUT_EN =1. Enable
flash without STROBE by setting STR_MODE (in Register
0x04) to 0 (software strobe). When STR_MODE is in hardware
strobe mode, setting the STROBE pin high enables flash and
synchronizes it to the image sensor. Hardware strobe mode has
two modes for timeout: level sensitive and edge sensitive.
LED CURRENT
REG 0x04, OUTPUT_EN = 1
STR_LV = 1
LED_MOD = 11
I2C DATA BUS
0A
I(FLASH)
STROBE
REG 0x02, FL_TIM = XXXX ms
REG 0x03, I_FL = XXXXX mA
ADP1650 SETS OUTPUT_EN TO 0.
ADP1650 SETS LED_MOD TO 00.
Figure 26. Flash Operation: Level-Sensitive Mode
In level-sensitive mode, the duration of STROBE high sets the
duration of the flash up to the maximum time set by the
FL_TIM timeout. If STROBE is kept high longer than the
duration set by FL_TIM, a timeout fault disables the flash.
I2C DATA BUS
LED CURRENT
REG 0x02, FL_TIM = XXXX ms
REG 0x03, I_FL = XXXXX mA
REG 0x04, OUTPUT_EN = 1
STR_LV = 0
LED_MOD = 11
0A
I(FLASH)
STROBE
ADP1650 SETS OUTPUT_EN TO 0.
ADP1650 SETS LED_MOD TO 00.
FL_TIM
Figure 27. Flash Operation: Edge-Sensitive Mode
In edge-sensitive mode, a positive edge on the STROBE pin
enables the flash, and the FL_TIM bits set the flash duration.
ASSIST TO FLASH OPERATION
LED CURRENT
REG 0x02, FL_TIM = XXXX ms
REG 0x03, I_TOR = XXX mA
REG 0x03, I_FL = XXXXX mA
REG 0x04, OUTPUT_EN = 1
STR_LV = 1
LED_MOD = 10
I2C D ATA BUS
0A
I(FLASH)
STROBE
ADP1650 SETS OUTPUT_EN TO 0.
ADP1650 SETS LED_MOD TO 00.
I(ASSIST)
Figure 28. Enabling Assist to Flash (Level-Sensitive) Mode
The STR_POL bit in Register 0x07 changes the default enable of
STROBE from low to high to high to low. Additional image
sensor-specific assist/flash enable modes are included in the
device, and information on these is available on request from
the Analog Devices, Inc., sales team.
TORCH MODE
Set the assist/torch light current using the I_TOR bits. To enable
torch mode using a logic signal, set LED_MOD to standby mode
and OUTPUT_EN =1, and then bring GPIO1 high. Disable
external torch mode by setting GPIO1 low or programming
OUTPUT_EN = 0. Bringing GPIO1 low during torch mode
automatically sets OUTPUT_EN = 0. To enable torch mode
again, program OUTPUT_EN = 1, and bring GPIO high again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com