Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP195ACBZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP195ACBZ-R7
Description  Logic Controlled, High-Side Power Switch with Reverse Current Blocking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP195ACBZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP195ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP195ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP195ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP195ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP195ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP195ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP195ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP195ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP195ACBZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADP195
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
0.05 NOM
COPLANARITY
0.990
0.950
0.910
1.065
1.025
0.985
0.270
0.240
0.210
0.340
0.320
0.300
0.640
0.595
0.550
0.370
0.355
0.340
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
A
1
2
B
(BALL SIDE DOWN)
SEATING
PLANE
BALL A1
IDENTIFIER
0.50
REF
Figure 26. 4-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-4-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADP195ACBZ-R7
−40°C to +85°C
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-4
5Y
1 Z = RoHS Compliant Part.
©2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08679-0-3/10(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com