Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6601 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6601
Description  750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6601 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6601 Datasheet HTML 9Page - Analog Devices ADRF6601 Datasheet HTML 10Page - Analog Devices ADRF6601 Datasheet HTML 11Page - Analog Devices ADRF6601 Datasheet HTML 12Page - Analog Devices ADRF6601 Datasheet HTML 13Page - Analog Devices ADRF6601 Datasheet HTML 14Page - Analog Devices ADRF6601 Datasheet HTML 15Page - Analog Devices ADRF6601 Datasheet HTML 16Page - Analog Devices ADRF6601 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADRF6601
Rev. 0 | Page 13 of 24
REGISTER 4—PLL CHARGE PUMP, PFD, AND REFERENCE PATH CONTROL (DEFAULT: 0x0AA7E4)
CP
CURRENT
REF
SOURCE
PFD
POL
CP
SRC
DB23 DB22 DB21 DB20 DB19
DB18
DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
RMS2 RMS1 RMS0 RS1
RS0
CPM
CPBD CPB4 CPB3 CPB2 CPB1 CPB0 CPP1 CPP0 CPS CPC1 CPC0 PE1
PE0 PAB1 PAB0 C3(1) C2(0) C1(0)
CPC1 CPC0
00
01
10
11
CPS
0
1
CPP1 CPP0
00
01
10
11
CPB4 CPB3 CPB2 CPB1 CPB0
00
0
0
0
00
0
0
1
00
1
1
0
01
0
1
0
10
0
0
0
11
1
1
1
CPBD
0
1
CPM
0
1
RS1
RS0
00
01
10
11
RMS2 RMS1 RMS0
00
0
00
1
01
0
01
1
10
0
10
1
11
0
11
1
10 × 22.5°/ICPMULT (DEFAULT)
16 × 22.5°/ICPMULT
31 × 22.5°/ICPMULT
PFD PHASE OFFSET MULTIPLIER
0 × 22.5°/ICPMULT
1 × 22.5°/ICPMULT
6 × 22.5°/ICPMULT (RECOMMENDED)
BOTH ON
PUMP DOWN
PUMP UP
TRISTATE (DEFAULT)
REF OUTPUT
MUX SELECT
INPUT REF
PATH
PFD PHASE OFFSET
MULTIPLIER
CP
CURRENT
CP
CONTROL
PFD EDGE
CONTROL BITS
PFD ANTI-
BACKLASH
DELAY
PE0
0
1
REFERENCE PATH EDGE
SENSITIVITY
FALLING EDGE
RISING EDGE (DEFAULT)
PAB0 PAB1
00
01
10
11
PFD ANTIBACKLASH
DELAY
0ns (DEFAULT)
0.5ns
0.75ns
0.9ns
CHARGE PUMP CONTROL
0.5 × REF_IN (BUFFERED)
CHARGE PUMP CONTROL SOURCE
CONTROL BASED ON STATE OF DB7/DB8 (CP CONTROL)
CONTROL FROM PFD (DEFAULT)
REF OUTPUT MUX SELECT
LOCK DETECT (DEFAULT)
VPTAT
REF_IN (BUFFERED)
PFD PHASE OFFSET POLARITY
NEGATIVE
POSITIVE (DEFAULT)
CHARGE PUMP CURRENT
REFERENCE SOURCE
INTERNAL (DEFAULT)
EXTERNAL
0.25 × REF_IN
CHARGE PUMP CURRENT
250µA
500µA (DEFAULT)
750µA
1000µA
INPUT REFERENCE
PATH SOURCE
2 × REF_IN
REF_IN (DEFAULT)
0.5 × REF_IN
2 × REF_IN (BUFFERED)
TRISTATE
RESERVED
RESERVED
PE1
0
1
DIVIDER PATH EDGE
SENSITIVITY
FALLING EDGE
RISING EDGE (DEFAULT)
Figure 17. Register 4—PLL Charge Pump, PFD, and Reference Path Control Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com