Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPU3316DF-331M Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TPU3316DF-331M
Description  TPUDF Wire Wound Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU3316DF-331M Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TPU3316DF-331M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPU3316DF-331M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPU3316DF-331M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPU3316DF-331M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPU3316DF-331M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
03 of 05
TPUDF Power Wire Wound Inductors
Version 2010
(TPU1608DF) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TPU1608DF - 1R0M
1.00
100
0.050
2.90
TPU1608DF - 1R5M
1.50
100
0.050
2.60
TPU1608DF - 2R2M
2.20
100
0.070
2.30
TPU1608DF - 3R3M
3.30
100
0.080
2.00
TPU1608DF - 4R7M
4.70
100
0.090
1.50
TPU1608DF - 6R8M
6.80
100
0.130
1.20
TPU1608DF - 100M
10.00
100
0.160
1.10
TPU1608DF - 150M
15.00
100
0.230
0.90
TPU1608DF - 220M
22.00
100
0.370
0.70
TPU1608DF - 330M
33.00
100
0.510
0.58
TPU1608DF - 470M
47.00
100
0.640
0.50
TPU1608DF - 680M
68.00
100
0.860
0.40
TPU1608DF - 101M
100.00
100
1.270
0.31
TPU1608DF - 151M
150.00
100
2.000
0.27
TPU1608DF - 221M
220.00
100
3.110
0.22
TPU1608DF - 331M
330.00
100
3.800
0.18
TPU1608DF - 471M
470.00
100
5.060
0.16
TPU1608DF - 681M
680.00
100
9.200
0.14
TPU1608DF - 102M
1000.00
100
13.800
0.10
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=10% typ. at IDC.
(TPU3308DF) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TPU3308DF - 100M
10.00
100
0.110
2.40
TPU3308DF - 150M
15.00
100
0.150
2.00
TPU3308DF - 220M
22.00
100
0.230
1.60
TPU3308DF - 330M
33.00
100
0.300
1.40
TPU3308DF - 470M
47.00
100
0.390
1.00
TPU3308DF - 680M
68.00
100
0.660
0.90
TPU3308DF - 101M
100.00
100
0.840
0.70
TPU3308DF - 151M
150.00
100
1.200
0.60
TPU3308DF - 221M
220.00
100
1.900
0.50
TPU3308DF - 331M
330.00
100
2.700
0.40
TPU3308DF - 471M
470.00
100
4.000
0.30
TPU3308DF - 681M
680.00
100
5.300
0.20
TPU3308DF - 102M
1000.00
100
8.400
0.10
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=10% typ. at IDC.
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com